Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A3301RGWT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A3301RGWT
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3301RGWT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS7A3301RGWT Datasheet HTML 1Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 2Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 3Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 4Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 5Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 6Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 7Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 8Page - Texas Instruments TPS7A3301RGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS7A33
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TPS7A33xxyyyz
XX is nominal output voltage (01 = Adjustable).(2)
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
For fixed –1.2-V operation, tie FB to OUT.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
VALUE
MIN
MAX
UNIT
IN pin to GND pin
–36
+0.3
V
OUT pin to GND pin
–33
+0.3
V
OUT pin to IN pin
–0.3
+36
V
FB pin to GND pin
–2
+0.3
V
Voltage
FB pin to IN pin
–0.3
+36
V
EN pin to GND pin
–36
+10
V
NR/SS pin to IN pin
–0.3
+36
V
NR/SS pin to GND pin
–2
+0.3
V
Current
Peak output
Internally limited
Operating virtual junction, TJ, absolute maximum range
(2)
–40
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
1
kV
Electrostatic discharge rating
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
(2)
No permanent damage will occur to the part operating within this range though electrical performance is not ensured outside the
operating free-air temperature range.
THERMAL INFORMATION
TPS7A33
THERMAL METRIC(1)
KC (TO-220)
RGW (QFN)(2)
UNITS
7 PINS
20 PINS
θJA
Junction-to-ambient thermal resistance
31.2
30.5
θJC(top)
Junction-to-case(top) thermal resistance
40.0
27.6
θJB
Junction-to-board thermal resistance
17.4
N/A
°C/W
ψJT
Junction-to-top characterization parameter
6.4
0.37
ψJB
Junction-to-board characterization parameter
17.2
10.6
θJC(bottom)
Junction-to-case(bottom) thermal resistance
0.8
4.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The RGW package is product preview.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Numéro de pièce similaire - TPS7A3301RGWT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A3301RGWT TI1-TPS7A3301RGWT Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Description similaire - TPS7A3301RGWT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com