Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBTA93 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce SMBTA93
Description  PNP Silicon Transistors for High Voltages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA93 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  SMBTA93 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA93 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA93 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA93 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon Transistors for High Voltages
SMBTA 92
SMBTA 93
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBTA 92
SMBTA 93
Q68000-A6479
Q68000-A6483
s2D
s2E
SOT-23
B
E
C
1
2
3
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Emitter-base voltage
VEB0
Collector-base voltage
VCB0
Junction temperature
Tj
˚C
Total power dissipation, TS = 74 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-emitter voltage
VCE0
V
Thermal Resistance
Junction - ambient2)
Rth JA
280
K/W
5
360
150
– 65 … + 150
300
200
SMBTA 92
SMBTA 93
Collector current
IC
mA
500
Base current
IB
100
Junction - soldering point
Rth JS
210
300
200
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary types: SMBTA 42, SMBTA 43 (NPN)
5.91


Numéro de pièce similaire - SMBTA93

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92 Datasheet
122Kb / 4P
   PNP Silicon High Voltage Transistor
Feb-18-2002
SMBTA92 INFINEON-SMBTA92 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
SMBTA92 INFINEON-SMBTA92 Datasheet
530Kb / 7P
   PNP Silicon High-Voltage Transistors
2011-12-19
logo
Siemens Semiconductor G...
SMBTA92M SIEMENS-SMBTA92M Datasheet
27Kb / 4P
   PNP Silicon High-Voltage Transistor
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
   PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results

Description similaire - SMBTA93

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SMBTA42 SIEMENS-SMBTA42 Datasheet
137Kb / 4P
   NPN Silicon Transistors for High Voltages
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42 Datasheet
122Kb / 4P
   NPN Silicon Transistor for High Voltages
Feb-21-2003
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
ON Semiconductor
2N6437 ONSEMI-2N6437 Datasheet
77Kb / 8P
   High-Power PNP Silicon Transistors
April, 2001 ??Rev. 2
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com