Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBTA64 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce SMBTA64
Description  PNP Silicon Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA64 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  SMBTA64 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA64 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA64 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA64 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
SMBTA 63
SMBTA 64
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
f = 1 MHz
Transition frequency fT = f (IC)
VCE = 5 V


Numéro de pièce similaire - SMBTA64

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SMBTA64 INFINEON-SMBTA64 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
SMBTA64 INFINEON-SMBTA64 Datasheet
217Kb / 6P
   PNP Silicon Darlington Transistors
Mar-01-2005
SMBTA64 INFINEON-SMBTA64_05 Datasheet
217Kb / 6P
   PNP Silicon Darlington Transistors
Mar-01-2005
More results

Description similaire - SMBTA64

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com