Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBTA14 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce SMBTA14
Description  NPN Silicon Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA14 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  SMBTA14 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA14 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA14 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA14 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
SMBTA 13
SMBTA 14
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain
IC = 10 mA, VCE = 5 V1)
SMBTA 13
SMBTA 14
IC = 100 mA, VCE = 5 V1)
SMBTA 13
SMBTA 14
hFE
5000
10000
10000
20000
V
Collector-emitter breakdown voltage
IC = 10
µA
V(BR)CE0
30
nA
Collector-base cutoff current
VCB = 30 V
ICB0
100
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
10
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
1.5
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
125
AC characteristics
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
30
Emitter-base cutoff current
VEB = 10 V
IEB0
100
Base-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VBEsat
––2
1)
Pulse test conditions: t
300 µs, D = 2 %.


Numéro de pièce similaire - SMBTA14

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14 Datasheet
123Kb / 4P
   NPN Silicon Darlington Transistors
Feb-18-2002
SMBTA14 INFINEON-SMBTA14 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
SMBTA14 INFINEON-SMBTA14 Datasheet
531Kb / 7P
   NPN Silicon Darlington Transistor
2011-12-19
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
SMBTA14 INFINEON-SMBTA14_11 Datasheet
531Kb / 7P
   NPN Silicon Darlington Transistor
2011-12-19
More results

Description similaire - SMBTA14

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com