Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2003LV Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce ULN2003LV
Description  7-Channel Relay and Inductive Load Sink Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003LV Fiches technique(HTML) 10 Page - Texas Instruments

Back Button ULN2003LV Datasheet HTML 6Page - Texas Instruments ULN2003LV Datasheet HTML 7Page - Texas Instruments ULN2003LV Datasheet HTML 8Page - Texas Instruments ULN2003LV Datasheet HTML 9Page - Texas Instruments ULN2003LV Datasheet HTML 10Page - Texas Instruments ULN2003LV Datasheet HTML 11Page - Texas Instruments ULN2003LV Datasheet HTML 12Page - Texas Instruments ULN2003LV Datasheet HTML 13Page - Texas Instruments ULN2003LV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ULN2003LV
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
Logic Inputs
(1.8V to 5V)
VSUP
IN1 NOR IN2
IN3 NOR IN4
VSUP
VSUP
IN1 NOR IN2 NOR IN3
ULN2003LV
SLRS059A – APRIL 2012 – REVISED APRIL 2012
www.ti.com
NOR Logic Driver
Figure 8 shows a NOR Logic driver implementation using ULN2003LV. The output channels sharing a common
pull-up resistor implement a logic NOR of the respective channel inputs. The LEDs connected to outputs OUT5-
OUT7 light up when any of the inputs IN5-IN7 is logic-high ( > VIH).
Figure 8. ULN2003LV as a NOR driver
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ULN2003LV


Numéro de pièce similaire - ULN2003LV

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
176Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2003L ALLEGRO-ULN2003L Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
List of Unclassifed Man...
ULN2003L ETC1-ULN2003L Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
182Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Description similaire - ULN2003LV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com