Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62093RGTT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62093RGTT
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62093RGTT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS62093RGTT Datasheet HTML 1Page - Texas Instruments TPS62093RGTT Datasheet HTML 2Page - Texas Instruments TPS62093RGTT Datasheet HTML 3Page - Texas Instruments TPS62093RGTT Datasheet HTML 4Page - Texas Instruments TPS62093RGTT Datasheet HTML 5Page - Texas Instruments TPS62093RGTT Datasheet HTML 6Page - Texas Instruments TPS62093RGTT Datasheet HTML 7Page - Texas Instruments TPS62093RGTT Datasheet HTML 8Page - Texas Instruments TPS62093RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS62090, TPS62091
TPS62092, TPS62093
SLVSAW2A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
VOUT
ORDERING
PACKAGE
PACKAGE MARKING
adjustable
TPS62090
RGT
SBW
3.3 V
TPS62091
RGT
SBX
-40°C to 85°C
2.5 V
TPS62092
RGT
SBY
1.8 V
TPS62093
RGT
SBZ
(1)
For detailed ordering information please see the PACKAGE OPTION ADDENDUM section at the end
of the datasheet.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
PVIN, AVIN, FB, SS, EN, FREQ, VOS(2)
–0.3
7
V
Voltage range
SW, PG
–0.3
VIN+0.3
V
Power Good sink current
PG
1
mA
Human Body Model
2
kV
ESD rating
Charged Device Model
500
V
Continuous total power dissipation
See the Thermal Table
Operating junction temperature range, TJ
–40
150
°C
Operating ambient temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
THERMAL INFORMATION
TPS62090
THERMAL METRIC(1)
UNITS
QFN (16 PINS)
θJA
Junction-to-ambient thermal resistance
47
θJCtop
Junction-to-case (top) thermal resistance
60
θJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
1.5
ψJB
Junction-to-board characterization parameter
20
θJCbot
Junction-to-case (bottom) thermal resistance
5.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage range VIN
2.5
6
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
See the application section for further information
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62090 TPS62091 TPS62092 TPS62093


Numéro de pièce similaire - TPS62093RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62093 TI1-TPS62093 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
More results

Description similaire - TPS62093RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com