Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62091 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62091
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62091 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62091 Datasheet HTML 6Page - Texas Instruments TPS62091 Datasheet HTML 7Page - Texas Instruments TPS62091 Datasheet HTML 8Page - Texas Instruments TPS62091 Datasheet HTML 9Page - Texas Instruments TPS62091 Datasheet HTML 10Page - Texas Instruments TPS62091 Datasheet HTML 11Page - Texas Instruments TPS62091 Datasheet HTML 12Page - Texas Instruments TPS62091 Datasheet HTML 13Page - Texas Instruments TPS62091 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
V
2 V/div
sw
V
20 mV/div
o
I
1 A/div
inductor
V
V =1.8 V/3 A
f = 1.4 MHz, L = 1 µH
in
o
= 3.7 V
400 ns/div
G012
V
2 V/div
sw
V
20 mV/div
o
I
500 mA/div
inductor
V
V = 1.8 V/100 mA
f = 1.4 MHz, L = 1 µH
in
o
= 3.7 V
1 µs/div
G013
V
2 V/div
sw
V
20 mV/div
o
I
500 mA/div
inductor
V
V = 1.8 V/100 mA
f = 2.8 MHz, L = 0.47 µH
in
o
= 3.7 V
1 µs/div
G014
I
1 A/div
o
V
20 mV/div
o
I
500 mA/div
inductor
V
V = 1.8 V
f = 1.4 MHz, L = 1 µH
in
o
= 3.7 V
200 µs/div
G015
I
2 A/div
o
V
20 mV/div
o
I
500 mA/div
inductor
V
V = 1.8 V
f = 2.8 MHz, L = 1 µH
in
o
= 3.7 V
200 µs/div
G016
V
1 V/div
o
V
2 V/div
EN
I
50 mA/div
inductor
V
V = 1.8 V/600 mA
f = 2.8 MHz, L = 1 µH
C
= 10 nF
in
o
ss
= 3.7 V
400 µs/div
G017
V
1 V/div
o
V
2 V/div
EN
I
200 mA/div
inductor
V
V = 1.8 V/no load
f = 2.8 MHz, L = 1 µH
in
o
= 3.7 V
2 ms/div
G018
V
1 V/div
o
I
2 A/div
o
I
1 A/div
inductor
V
V = 1.8 V
f = 1.4 MHz, L = 1 µH
in
o
= 3.7 V
40 µs/div
G019
TPS62090, TPS62091
TPS62092, TPS62093
SLVSAW2A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Figure 16. PWM Operation
Figure 17. PFM Operation
Figure 18. PFM Operation
Figure 19. Load Sweep
Figure 20. Load Sweep
Figure 21. Start-Up
Figure 22. Shutdown
Figure 23. Hiccup Short Circuit Protection
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62090 TPS62091 TPS62092 TPS62093


Numéro de pièce similaire - TPS62091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62091 TI1-TPS62091 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
More results

Description similaire - TPS62091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com