Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61187RTJT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61187RTJT
Description  WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61187RTJT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS61187RTJT Datasheet HTML 1Page - Texas Instruments TPS61187RTJT Datasheet HTML 2Page - Texas Instruments TPS61187RTJT Datasheet HTML 3Page - Texas Instruments TPS61187RTJT Datasheet HTML 4Page - Texas Instruments TPS61187RTJT Datasheet HTML 5Page - Texas Instruments TPS61187RTJT Datasheet HTML 6Page - Texas Instruments TPS61187RTJT Datasheet HTML 7Page - Texas Instruments TPS61187RTJT Datasheet HTML 8Page - Texas Instruments TPS61187RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS61187
SLVSA85D – JUNE 2010 – REVISED FEBRUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, PWM/EN = high, IFB current = 20mA, IFB voltage = 500mV, TA = –40°C to 85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fS
Oscillator frequency
RFSW = 499 kΩ
0.8
1.0
1.2
MHz
Dmax
Maximum duty cycle
IFB = 0
94%
OC, SC, OVP AND SS
ILIM
N-Channel MOSFET current limit
D = Dmax
2.0
3.0
A
VCLAMP_TH
Ouput voltage clamp program threshold
1.90
1.95
2.00
V
VOVP_IFB
IFB overvoltage threshold
Measured on the IFBx pin, IFB on
12
13.5
15
V
FPO, FAULT
VFPO_L
FPO Logic low voltage
I_SOURCE = 0.5 mA
0.4
V
VFAULT_HIGH
Fault high voltage
Measured as VIN – VFAULT
0.1
V
VFAULT_LOW
Fault low voltage
Measured as VIN – VFAULT , Sink, 10 µA
6
8
10
V
IFAULT
Maximum sink current
VIN – VFAULT = 0 V
20
µA
THERMAL SHUTDOWN
Thermal shutdown threshold
150
Tshutdown
°C
Thermal shutdown hysteresis
15
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS61187


Numéro de pièce similaire - TPS61187RTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Description similaire - TPS61187RTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
   I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Infineon Technologies A...
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com