Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS715345DCKRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS715345DCKRG4
Description  50 mA, 24 V, 3.2-mA Supply Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715345DCKRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS715345DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 9Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 10Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 11Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Programming the TPS71501 Adjustable LDO Regulator
V
OUT + VREF
1 )
R1
R2
(3)
R1 +
V
OUT
V
REF
* 1
R2
(4)
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
1.8 V
2.8 V
5.0 V
0.499 M
1.33 M
3.16 M
1 M
1 M
1 M
GND
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
TPS71501
V
OUT + VREF
1 )
R1
R2
0.1
µF
0.47
µF
Power the MSP430 Microcontroller
TPS715xx
SLVS338P – MAY 2001 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
The output voltage of the TPS71501 adjustable regulator is programmed using an external resistor divider as
shown in Figure 16. The output voltage operating range is 1.2 V to 15 V, and is calculated using:
where:
• V
REF = 1.205 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 1.5-
µA divider current. Lower value resistors can be
used for improved noise performance, but the solution consumes more power. Higher resistor values should be
avoided as leakage current into/out of FB across R1/R2 creates an offset voltage that artificially
increases/decreases the feedback voltage and thus erroneously decreases/increases VOUT. The recommended
design procedure is to choose R2 = 1 M
Ω to set the divider current at 1.5
µA, and then calculate R1 using
Equation 4:
Figure 16. TPS71501 Adjustable LDO Regulator Programming
Several versions of the TPS715xx are ideal for powering the MSP430 microcontroller. Table 2 shows potential
applications of some voltage versions.
Table 2. Typical MSP430 Applications
DEVICE
VOUT (TYP)
APPLICATION
TPS71519
1.9 V
VOUT, MIN > 1.800 V required by many MSP430s. Allows lowest power consumption operation.
TPS71523
2.3 V
VOUT, MIN > 2.200 V required by some MSP430s FLASH operation.
TPS71530
3.0 V
VOUT, MIN > 2.700 V required by some MSP430s FLASH operation.
TPS715345
3.45 V
VOUT, MIN < 3.600 V required by some MSP430s. Allows highest speed operation.
The TPS715xx family offers many output voltage versions to allow designers to minimize the supply voltage for
the processing speed required of the MSP430. This minimizes the supply current consumed by the MSP430.
8
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated


Numéro de pièce similaire - TPS715345DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715345DCKRG4 TI-TPS715345DCKRG4 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715345DCKRG4 TI1-TPS715345DCKRG4 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
More results

Description similaire - TPS715345DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com