Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55340RTET Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55340RTET
Description  Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55340RTET Fiches technique(HTML) 4 Page - Texas Instruments

  TPS55340RTET Datasheet HTML 1Page - Texas Instruments TPS55340RTET Datasheet HTML 2Page - Texas Instruments TPS55340RTET Datasheet HTML 3Page - Texas Instruments TPS55340RTET Datasheet HTML 4Page - Texas Instruments TPS55340RTET Datasheet HTML 5Page - Texas Instruments TPS55340RTET Datasheet HTML 6Page - Texas Instruments TPS55340RTET Datasheet HTML 7Page - Texas Instruments TPS55340RTET Datasheet HTML 8Page - Texas Instruments TPS55340RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS55340
SLVSBD4 – MAY 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltages on pin VIN(2)
–0.3
34
V
Voltage on pin EN(2)
–0.3
34
V
Voltage on pins FB, FREQ, and COMP(2)
–0.3
3
V
Voltage on pin SS(2)
–0.3
5
V
Voltage on pin SYNC(2)
–0.3
7
V
Voltage on pin SW(2)
–0.3
40
V
Operating junction temperature range
–40
150
°C
Storage temperature range
–65
150
°C
(HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic discharge
(CDM) QSS 009-147 (JESD22-C101B 01)
500
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal
THERMAL INFORMATION
TPS55340
THERMAL METRIC(1)
UNITS
QFN (16-PINS)
θJA
Junction-to-ambient thermal resistance
43.3
θJCtop
Junction-to-case (top) thermal resistance
38.7
θJB
Junction-to-board thermal resistance
14.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
14.5
θJCbot
Junction-to-case (bottom) thermal resistance
3.5
space
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.9
32
V
VOUT
Output voltage range
VIN
38
V
VEN
EN voltage range
0
32
V
VSYN
External switching frequency logic input range
0
5
V
TA
Operating free-air temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
Vin=5V, TJ = –40°C to +150°C, unless otherwise noted. Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.9
32
V
IQ
Operating quiescent current into Vin
Device non-switching, VFB = 2 V
0.5
mA
ISD
Shutdown current
EN = GND
2.7
10
µA
VUVLO
Under-voltage lockout threshold
VIN falling
2.5
2.7
V
Vhys
Under-voltage lockout hysteresis
120
140
160
mV
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS55340


Numéro de pièce similaire - TPS55340RTET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340RTET TI-TPS55340RTET Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results

Description similaire - TPS55340RTET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com