Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53014DGS Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53014DGS
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53014DGS Fiches technique(HTML) 3 Page - Texas Instruments

  TPS53014DGS Datasheet HTML 1Page - Texas Instruments TPS53014DGS Datasheet HTML 2Page - Texas Instruments TPS53014DGS Datasheet HTML 3Page - Texas Instruments TPS53014DGS Datasheet HTML 4Page - Texas Instruments TPS53014DGS Datasheet HTML 5Page - Texas Instruments TPS53014DGS Datasheet HTML 6Page - Texas Instruments TPS53014DGS Datasheet HTML 7Page - Texas Instruments TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS53014
www.ti.com
SLVSBF1 – MAY 2012
THERMAL INFORMATION
TPS53014
THERMAL METRIC(1)
UNITS
DGS (10 PINS)
θJA
Junction-to-ambient thermal resistance
172.2
θJCtop
Junction-to-case (top) thermal resistance
44.0
θJB
Junction-to-board thermal resistance
93.0
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
91.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply input voltage range
VIN
4.5
28
V
VBST
–0.1
33.5
VBST - SW
–0.1
5.5
Input voltage range
VFB
–0.1
5.5
V
EN
–0.1
28
SW
–1.0
28
DRVH
–1.0
33.5
DRVH - SW
–0.1
5.5
Output Voltage range
V
DRVL, VREG5, SS
–0.1
5.5
PGND
–0.1
0.1
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5V, VVFB = 0.8V,
660
IIN
VIN Supply current
μA
VSW = 0 V
IVINSDN
VIN Shutdown current
VIN current, TA = 25°C, No Load , VEN = 0V,
6.0
μA
VREG5 = OFF
VFB VOLTAGE and DISCHARGE RESISTANCE
VVFBTHL
VFB Threshold voltage
TA = 25°C , VOUT = 1.05 V
765.3
773.0
780.7
mV
TCVFB
VFB Temperature coefficient
Relative to TA = 25°C
(1)
-140
140
ppm/°C
IVFB
VFB Input current
VFB = 0.8V, TA = 25°C
-150
-10
100
nA
VREG5 OUTPUT
VVREG5
VREG5 Output voltage
TA=25°C, 6 V < VIN < 28 V, IVREG5 = 5 mA
5.1
V
IVREG5
Output current
VIN = 5.5V, VVREG5 = 4.0V, TA = 25°C
120
mA
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
Source, IDRVH = –50mA, TA = 25°C
3.2
4.7
RDRVH
DRVH resistance
Sink, IDRVH = 50mA, TA = 25°C
1.4
2.4
Source, IDRVL = –50mA, TA = 25°C
6.9
8.2
RDRVL
DRVL resistance
Sink, IDRVL = 50mA, TA = 25°C
0.8
1.7
DRVH-low to DRVL-on(1)
15
TD
Dead time
ns
DRVL-low to DRVH-on(1)
20
(1)
Ensured by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS53014


Numéro de pièce similaire - TPS53014DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Description similaire - TPS53014DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com