Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51640A Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51640A
Description  Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51640A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS51640A Datasheet HTML 7Page - Texas Instruments TPS51640A Datasheet HTML 8Page - Texas Instruments TPS51640A Datasheet HTML 9Page - Texas Instruments TPS51640A Datasheet HTML 10Page - Texas Instruments TPS51640A Datasheet HTML 11Page - Texas Instruments TPS51640A Datasheet HTML 12Page - Texas Instruments TPS51640A Datasheet HTML 13Page - Texas Instruments TPS51640A Datasheet HTML 14Page - Texas Instruments TPS51640A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
TPS51640A, TPS59640, TPS59641
www.ti.com
SLUSAQ2
– JANUARY 2012
PIN
I/O
DESCRIPTION
NAME
NO.
Voltage divider to VREF. A resistor to GND sets the operating frequency of the CPU converter. The voltage level
CF-IMAX
13
I
sets the maximum operating current of the CPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF ×
IMAX / 255. Both are latched at start-up.
Voltage sense return tied for the CPU converter. Tie to GND with a 10-
Ω resistor to close feedback when the
CGFB
12
I
microprocessor is not in the socket.
Analog current monitor output for the CPU converter. VCIMON = ΣVCS × ACS × (1 + RCIMON/RCOCP). Connect a
CIMON
3
O
220-nF capacitor to GND for stability.
Resistor to GND (RCOCP) selects 1 of 8 OCP levels (per phase, latched at start-up) of the CPU converter. Also,
COCP-I
2
I
voltage divider to CIMON. Resistor ratio sets the IMON gain (see CIMON pin description).
CPGOOD
17
O
IMVP-7_PWRGD output for the CPU converter. Open-drain.
CSW1
45
I/O
Top N-channel FET gate drive return for CPU phase 1.
CSW2
40
I/O
Top N-channel FET gate drive return for CPU phase 2.
CPWM3
36
O
PWM control for the external driver, 5V logic level.
Skip mode control of the external driver for the CPU converter. A logic HI = FCCM, LO = SKIP. R to GND selects
CSKIP
35
O
1 of 8 OSR/USR levels. 0.1 V
< VCSKIP < 0.3 V at start-up turns OSR off.
Thermal sensor connection for the CPU converter. A resistor connected to VREF forms a divider with an NTC
CTHERM
1
I/O
thermistor connected to GND.
Voltage sense line tied directly to VCORE of the CPU converter. Tie to VCORE with a 10-Ω resistor to close
CVFB
11
I
feedback when
µP is not in the socket. The soft-stop transistor is on this pin
Negative current sense input for the GPU converter. Connect to the most negative node of current sense resistor
GCSN
28
I
or inductor DCR sense network. GCSN has a secondary OVP comparator and includes the soft-stop pull-down
transistor.
Positive current sense input for the GPU converter. Connect to the most positive node of current sense resistor
GCSP
29
I
or inductor DCR sense network. Tie to V3R3 to disable the GPU converter.
GCOMP
27
O
Output of gM error amplifier for the GPU converter. A resistor to VREF sets the droop gain.
Voltage sense return tied for the GPU converter. Tie to GND with a 10-
Ω resistor to close feedback when the
GGFB
25
I
microprocessor is not in the socket.
24
I
Voltage divider to VREF. R to GND sets the operating frequency of the GPU converter. The voltage level sets
GF-IMAX
the maximum operating current of the GPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF ×
IMAX / 255. Both are latched at start-up.
30
O
Analog current monitor output for the GPU converter. VGIMON = VISENSE × (1 + RGIMON/RGOCP). Connect a
GIMON
220-nF capacitor to GND for stability.
31
I
Voltage divider to GIMON. Resistor ratio sets the IMON gain (see GIMON pin). Resistor to GND (RGOCP) selects
GOCP-I
1 of 8 OCP levels (per phase, latched at start-up) of the GPU converter.
GPGOOD
23
O
IMVP-7_PWRGD output for the GPU converter. Open-drain.
GPWM
34
O
PWM control for the external driver, 5-V logic level.
33
O
Skip mode control of the external driver for the GPU converter, 5-V logic level. Logic HI = FCCM, LO = SKIP. R
GSKIP
to GND selects 1 of 8 OSR/USR levels. 0.1 V
< V
GSKIP< 0.3 V at start-up turns OSR off.
32
I/O
Thermal sensor input for the GPU converter. A resistor connected to VREF forms a divider with an NTC
GTHERM
thermistor connected to GND.
26
I
Voltage sense line tied directly to VGFX of the GPU converter. Tie to VGFX with a 10-Ω resistor to close feedback
GVFB
when the microprocessor is not in the socket. The soft-stop transistor is on this pin
PGND
42
Synchronous N-channel FET gate drive return.
22
I
The voltage at start-up sets 1 of 7 slew rates for both converters. The SLOW rate is SLEWRATE/4. Soft-start
SLEWA
and soft-stop rates are SLEWRATE/8. This value is latched at start-up. Tie to GND to disable SCLK timer.
48
I
5-V power input for analog circuits; connect through resistor to 5-V plane and bypass to GND with
≥1 µF ceramic
V5
capacitor
43
I
Power input for the gate drivers; connected with an external resistor to V5F; decouple with a
≥2.2 µF ceramic
V5DRV
capacitor.
V3R3
15
I
3.3-V power input; bypass to GND with
≥1 µF ceramic cap.
37
I
Provides VBAT information to the on-time circuits for both converters. A 10-k
Ω series resistor protects the
VBAT
adjacent pins from inadvertent shorts due to solder bridges or mis-probing during test.
VCLK
18
I
SVID clock. 1-V logic level.
VDIO
20
I/O
SVID digital I/O line. 1-V logic level.
VREF
14
O
1.7-V, 500-
µA reference. Bypass to GND with a 0.22-µF ceramic capacitor.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Numéro de pièce similaire - TPS51640A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51601A TI1-TPS51601A Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51601ADRBR TI1-TPS51601ADRBR Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51601ADRBT TI1-TPS51601ADRBT Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
More results

Description similaire - TPS51640A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Texas Instruments
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com