Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2060CDGN Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2060CDGN
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2060CDGN Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2060CDGN Datasheet HTML 4Page - Texas Instruments TPS2060CDGN Datasheet HTML 5Page - Texas Instruments TPS2060CDGN Datasheet HTML 6Page - Texas Instruments TPS2060CDGN Datasheet HTML 7Page - Texas Instruments TPS2060CDGN Datasheet HTML 8Page - Texas Instruments TPS2060CDGN Datasheet HTML 9Page - Texas Instruments TPS2060CDGN Datasheet HTML 10Page - Texas Instruments TPS2060CDGN Datasheet HTML 11Page - Texas Instruments TPS2060CDGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
−2
0
2
4
6
8
−3m
−2m
−1m
0
1m
2m
3m
4m
5m
ENx
OUTx
Time (s)
VIN = 5 V,CLx = 150 µF, RLoadx = 5 Ω, TPS2062C
−2
0
2
4
6
8
−3m
−2m
−1m
0
1m
2m
3m
4m
5m
ENx
OUTx
Time (s)
VIN = 5 V,CLx = 150 µF, RLoadx = 5 Ω, TPS2062C
−2
0
2
4
6
8
−3m
−2m
−1m
0
1m
2m
3m
4m
5m
ENx
OUTx
Time (s)
VIN = 5 V,CLx = 1 µF, RLoadx = 5 Ω, TPS2062C
−2
0
2
4
6
8
−3m
−2m
−1m
0
1m
2m
3m
4m
5m
ENx
OUTx
Time (s)
VIN = 5 V,CLx = 1 µF, RLoadx = 5 Ω, TPS2062C
OUT1
IN
GND
FLT1
CL1
3.01 k
Control Signals
VIN
0.1 F
Fault Signals
Pad
VOUT1
EN1 or EN1
FLT2
EN2 or EN2
CL2
VOUT2
OUT2
RLoad2
RLoad1
IOUT1 IOUT2
3.01 k
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
Figure 8. Test Circuit for System Operation in Typical Characteristics Section
Figure 9. TPS2062C Turn on Delay and
Figure 10. TPS2062C Turn off Delay and
Rise Time With 1-
μF Load
Fall Time With 1-
μF Load
Figure 11. TPS2062C Turn on Delay and
Figure 12. TPS2062C Turn off Delay and
Rise Time With 150-
μF Load
Fall Time With 150-
μF Load
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Numéro de pièce similaire - TPS2060CDGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2060CDGN TI1-TPS2060CDGN Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2060CDGNR TI1-TPS2060CDGNR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2060CDGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com