Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2002C Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2002C
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2002C Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2002C Datasheet HTML 3Page - Texas Instruments TPS2002C Datasheet HTML 4Page - Texas Instruments TPS2002C Datasheet HTML 5Page - Texas Instruments TPS2002C Datasheet HTML 6Page - Texas Instruments TPS2002C Datasheet HTML 7Page - Texas Instruments TPS2002C Datasheet HTML 8Page - Texas Instruments TPS2002C Datasheet HTML 9Page - Texas Instruments TPS2002C Datasheet HTML 10Page - Texas Instruments TPS2002C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
www.ti.com
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
DEVICE INFORMATION
PIN FUNCTIONS – MSOP-8 PACKAGES
NAME
TPS2066C/64C TPS2062C/60C
I/O
DESCRIPTION
GND
1
1
Pwr
Ground connection
IN
2
2
I
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to
GND close to the IC
EN1
3
-
I
Enable input channel 1, logic high turns on power switch
EN1
-
3
I
Enable input channel 1, logic low turns on power switch
EN2
4
-
I
Enable input channel 2, logic high turns on power switch
EN2
-
4
I
Enable input channel 2, logic low turns on power switch
FLT2
5
5
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions on
channel 2
OUT2
6
6
O
Power-switch output channel 2, connected to load
OUT1
7
7
O
Power-switch output channel 1, connected to load
FLT1
8
8
O
Active-low open-drain output, asserted during over-current, or overtemperature conditions on
channel 1
PowerPAD™
PAD
PAD
Pwr
Internally connected to GND; used to heat-sink the part to the circuit board traces. Connect
PAD to GND plane as a heatsink.
PIN FUNCTIONS – SOIC-8 PACKAGES
NAME
TPS2066C
TPS2062C
I/O
DESCRIPTION
GND
1
1
Pwr
Ground connection
IN
2
2
I
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to
GND close to the IC
EN1
3
-
I
Enable input channel 1, logic high turns on power switch
EN1
-
3
I
Enable input channel 1, logic low turns on power switch
EN2
4
-
I
Enable input channel 2, logic high turns on power switch
EN2
-
4
I
Enable input channel 2, logic low turns on power switch
FLT2
5
5
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions on
channel 2
OUT2
6
6
O
Power-switch output channel 2, connected to load
OUT1
7
7
O
Power-switch output channel 1, connected to load
FLT1
8
8
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions on
channel 1
PIN FUNCTIONS – SON-10 PACKAGES
NAME
TPS2003C
TPS2002C
I/O
DESCRIPTION
GND
1
1
Pwr
Ground connection
IN
2, 3
2, 3
I
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to
GND close to the IC
EN1
4
I
Enable input channel 1, logic high turns on power switch
EN1
4
I
Enable input channel 1, logic low turns on power switch
EN2
5
I
Enable input channel 2, logic high turns on power switch
EN2
5
I
Enable input channel 2, logic low turns on power switch
FLT2
6
6
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions on
channel 2
NC
7
7
No connect – leave floating.
OUT2
8
8
O
Power-switch output channel 2, connect to load
OUT1
9
9
O
Power-switch output channel 1, connect to load
FLT1
10
10
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions on
channel 1
PowerPAD™
PAD
PAD
Pwr
Internally connected to GND; used to heat-sink the part to the circuit board traces. Connect
PAD to GND plane as a heatsink.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Numéro de pièce similaire - TPS2002C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2002CDRCR TI1-TPS2002CDRCR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2002CDRCT TI1-TPS2002CDRCT Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2002C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com