Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A7100RGWR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A7100RGWR
Description  1-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A7100RGWR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A7100RGWR Datasheet HTML 1Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 2Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 3Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 4Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 5Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 6Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 7Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 8Page - Texas Instruments TPS7A7100RGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0
1
2
3
4
5
6
1.5V to 1.0V
1.5V to 1.2V
1.8V to 1.5V
2.5V to 1.8V
3.0V to 2.5V
3.3V to 3.0V
5.5V to 5.0V
0
1
2
3
Time (100
µs/div)
Output Current
Output Current Slew Rate: 1A/
µs
G310
IN
EN
SS
PG
OUT
SNS
C
SS
C
IN
C
OUT
1.5 V
1.2 V = 0.5 V
+ 100 mV
+ 200 mV
+ 400 mV
ref
TPS7A7100
FB
1.6V
800mV
400mV
200mV
100mV
50mV
GND
Optional
TPS7A7100
www.ti.com
SBVS189C – MARCH 2012 – REVISED MAY 2012
1-A, Fast-Transient, Low-Dropout Voltage Regulator
1
FEATURES
DESCRIPTION
234
Low Dropout Voltage: 140 mV at 1A
The TPS7A7100 low-dropout (LDO) voltage regulator
VIN Range: 1.5 V to 6.5 V
is designed for applications seeking very-low dropout
capability (140 mv at 1A) with an input voltage from
Configurable Fixed VOUT Range: 0.9 V to 3.5 V
1.5 V to 6.5 V. The TPS7A7100 offers an innovative,
Adjustable VOUT Range: 0.9 V to 5.0 V
user-configurable, output-voltage setting from 0.9 V to
Very Good Load and Line Transient Response
3.5
V,
eliminating
external
resistors
and
any
Stable with Ceramic Output Capacitor
associated error.
1.5% Accuracy over Line, Load, and
The
TPS7A7100
has
very
fast
load-transient
Temperature
response, is stable with ceramic output capacitors,
Programmable Softstart
and supports a better than 2% accuracy over line,
load, and temperature. A soft-start pin allows for an
Power Good (PG) Output
application
to
reduce
inrush
into
the
load.
3-mm × 3-mm QFN-16 and 5-mm × 5-mm QFN-
Additionally, an open-drain, power-good signal allows
20 Packages
for sequencing power rails.
The TPS7A7100 is available in a 3-mm × 3-mm,
APPLICATIONS
16-pin QFN and a 5-mm × 5-mm, 20-pin QFN
Wireless Infrastructure: SerDes, FPGA, DSP™
packages.
RF Components: VCO, ADC, DAC, LVDS
Set-Top Boxes: Amplifier, ADC, DAC, FPGA,
DSP
Wireless LAN, Bluetooth®
PCs and Printers
Audio and Visual
Load Transient Response with
Seven Different Results:
1.5 VIN to 1.0 VOUT, 1.5 VIN to 1.2 VOUT,
1.8 VIN to 1.5 VOUT, 2.5 VIN to 1.8 VOUT,
3.0 VIN to 2.5 VOUT, 3.3 VIN to 3.0 VOUT,
and 5.5 VIN to 5.0 VOUT
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP is a trademark of Texas Instruments.
3
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS7A7100RGWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results

Description similaire - TPS7A7100RGWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com