Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A7100RGTR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A7100RGTR
Description  1-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A7100RGTR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS7A7100RGTR Datasheet HTML 3Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 4Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 5Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 6Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 7Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 8Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 9Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 10Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.873
0.882
0.891
0.9
0.909
0.918
0.927
0
0.2
0.4
0.6
0.8
1
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
Y−axis scale is 1%Vout/div
VIN = 1.425 V
R1 = 24.1 kΩ, R2 = 30.1 kΩ
G000
4.85
4.9
4.95
5
5.05
5.1
5.15
0
0.2
0.4
0.6
0.8
1
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
Y−axis scale is 1%Vout/div
VIN = 5.3 V
R1 = 271 kΩ, R2 = 30.1 kΩ
G003
0.873
0.882
0.891
0.9
0.909
0.918
0.927
0
0.2
0.4
0.6
0.8
1
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
Y−axis scale is 1%Vout/div
VIN = 1.425 V
VOUT(TARGET) = 0.9 V
400mV pin to GND; 50mV, 100mV
200mV, 800mV, 1.6V pins open
G200
3.395
3.43
3.465
3.5
3.535
3.57
3.605
0
0.2
0.4
0.6
0.8
1
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
Y−axis scale is 1%Vout/div
VIN = 3.8 V
VOUT(TARGET) = 3.5 V
200mV, 400mV, 800mV, 1.6V pins
to GND; 50mV, 100mV pins open
G203
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
VIN = 1.5 V
FB = GND
G010
0
50
100
150
200
1
2
3
4
5
5.5
Input Voltage (V)
− 40°C
0°C
25°C
85°C
105°C
125°C
IOUT = 1 A
FB = GND and plot VIN − VOUT
G013
TPS7A7100
www.ti.com
SBVS189C – MARCH 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TARGET) + 0.3 V, IOUT = 25 mA, V(EN) = VIN, CIN = 10 μF, COUT = 10 μF, C(SS) = 10 nF, and the PG pin
pulled up to VIN with 100-kΩ pull-up resistor, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION
(0.9 V, Adjustable)
(5.0 V, Adjustable)
Figure 2.
Figure 3.
LOAD REGULATION
LOAD REGULATION
(0.9 V, Fixed by Setting Pins)
(3.5 V, Fixed by Setting Pins)
Figure 4.
Figure 5.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7


Numéro de pièce similaire - TPS7A7100RGTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results

Description similaire - TPS7A7100RGTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com