Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA24C32-D-3 Fiches technique(PDF) 6 Page - Siemens Semiconductor Group

No de pièce SLA24C32-D-3
Description  32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C32-D-3 Fiches technique(HTML) 6 Page - Siemens Semiconductor Group

Back Button SLA24C32-D-3 Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 9Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SLx 24C32
Semiconductor Group
6
Preliminary 1998-07-27
2
Description
The SLx 24C32 device is a serial electrically erasable and programmable read only
memory (EEPROM), organized as 4096
× 8 bit. The data memory is divided into
128 pages. The 32 bytes of a page can be programmed simultaneously.
The device conforms to the specification of the 2-wire serial I
2C-Bus. Three chip select
pins allow the addressing of 8 devices on the I
2C-Bus. Low voltage design permits
operation down to 2.7 V with low active and standby currents. All devices have a
minimum endurance of 10
6 erase/write cycles.
The device operates at 5.0 V
± 10% with a maximum clock frequency of 400 kHz and at
2.7 ... 5.5 V with a maximum clock frequency of 100 kHz. The device is available as 5 V
type (
V
CC = 4.5 … 5.5 V) with two temperature ranges for industrial and automotive
applications and as 3 V type (
V
CC = 2.7 … 5.5 V) for industrial applications. The
EEPROMs are mounted in eight-pin DIP and DSO packages or are also supplied as
chips.
Figure 2
Block Diagram
DEC
X
EEPROM
Y DEC
Dout/ACK
SDA
SCL
IEB02525
Logic
Stop
Start/
Control
Chip Address
Logic
H.V. Pump
Programming
Control
Control
Serial
Logic
Logic
Address
Page Logic
CS0
CS1
CS2
SS
V
CC
V
WP


Numéro de pièce similaire - SLA24C32-D-3

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SLA24C01-D SIEMENS-SLA24C01-D Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3 SIEMENS-SLA24C01-D-3 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3/P SIEMENS-SLA24C01-D-3/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D/P SIEMENS-SLA24C01-D/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-S SIEMENS-SLA24C01-S Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Description similaire - SLA24C32-D-3

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com