Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA24C164-S-3 Fiches technique(PDF) 11 Page - Siemens Semiconductor Group

No de pièce SLA24C164-S-3
Description  16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C164-S-3 Fiches technique(HTML) 11 Page - Siemens Semiconductor Group

Back Button SLA24C164-S-3 Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 9Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 10Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 11Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 12Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 13Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 14Page - Siemens Semiconductor Group SLA24C164-S-3 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SLx 24C164
Semiconductor Group
11
1998-07-27
5
Write Operations
Changing of the EEPROM data is initiated by the master with the command byte CSW.
Depending on the state of the Write Protection pin WP either one byte (Byte Write) or up
to 16 byte (Page Write) are modified in one programming procedure.
5.1
Byte Write
Figure 7
Byte Write Sequence
The erase/write cycle is finished latest after 8 ms. Acknowledge polling may be used for
speed enhancement in order to indicate the end of the erase/write cycle (refer to
chapter 5.3 Acknowledge Polling).
Address Setting
After a START condition the master transmits the Chip Select
Write byte CSW. The EEPROM acknowledges the CSW byte
during the ninth clock cycle. The following byte with the
EEPROM address (A0 to A7) is loaded into the address
counter of the EEPROM and acknowledged by the EEPROM.
Transmission of Data
Finally the master transmits the data byte which is also
acknowledged by the EEPROM into the internal buffer.
Programming Cycle
Then the master applies a STOP condition which starts the
internal programming procedure. The data bytes are written in
the memory location addressed in the EEA byte (A0 to A7)
and the CSW byte (A8 to A10). The programming procedure
consists of an internally timed erase/write cycle. In the first
step, the selected byte is erased to “1”. With the next internal
step, the addressed byte is written according to the contents
of the buffer.
Command Byte
CSW
S
P
C
K
A
C
K
A
S
T
A
R
T
T
P
O
S
EEPROM Address
EEA
Data Byte
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02129
C
K
A
0


Numéro de pièce similaire - SLA24C164-S-3

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SLA24C164-S-3/P SIEMENS-SLA24C164-S-3/P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
More results

Description similaire - SLA24C164-S-3

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com