Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLB0587 Fiches technique(PDF) 8 Page - Siemens Semiconductor Group

No de pièce SLB0587
Description  Dimmer IC for Halogen Lamps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLB0587 Fiches technique(HTML) 8 Page - Siemens Semiconductor Group

Back Button SLB0587 Datasheet HTML 4Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 5Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 6Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 7Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 8Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 9Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 10Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 11Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Semiconductor Group
8
SLB 0587
Interference Immunity
Components C 3, C 6 and R 3 (figure 4) provide for a stable operating voltage and thus for error-
free working of the circuit, even in the presence of high frequency line interferences (e.g.
caused by cutting in and out of mainly active loads).
In the event of short line interruption (
≤ 200 ms) the set circuit state with the external wiring
shown in figure 4 will be maintained. After prolonged line outages (V S
≤ – 3.6 V) the circuit will
go into the OFF-state.
Upon line outage the synchronization of the internal logic with the line is lost. If the line outage
lasts less than three line cycles, the phasing in of the PLL becomes visible by a brief flickering.
The setting of the PLL can be influenced within certain limits by the selection that is made with
C 5 and R 10. In general terms, smaller ratings for C 5 and larger ratings for R10 will produce shorter
settling times of the PLL.
With more inert PLL characteristics there are slightly better values for rippe-control stability
(visible fluctuations in brightness when operating incandescent lamps and with ripple-control
signal on the line).
If line outages last more than three line cycles, there is blanking for approx. 200 ms after the
line recovers so that the settling process of the PLL is not visible.
Operation of Extensions
Long extension lines in installations cause voltages to be coupled in because of their stray
capacitances and phase capacitances. Internal limiting structures and appropriate evaluating
logic ensure that the circuit can work without interference for stray and phase capacitances up
to 100 nF. Even voltage drops up to 10 V in the phase conductor between the circuit and the
extension button being in phase with the dimming voltage have no effect on the working of the
circuit.
Especially at operation with long extension lines, the RC-network
R 10, C5 should be connected
between pins 3 and 7 (figure 4).


Numéro de pièce similaire - SLB0587

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0587G SIEMENS-SLB0587G Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
More results

Description similaire - SLB0587

FabricantNo de pièceFiches techniqueDescription
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
logo
Siemens Semiconductor G...
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
   DIMMER IC
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
   TOUCH DIMMER IC
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com