Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M40T100A Fiches technique(PDF) 3 Page - Nell Semiconductor Co., Ltd

No de pièce M40T100A
Description  TRIACs, 40A Sunbberless
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

M40T100A Fiches technique(HTML) 3 Page - Nell Semiconductor Co., Ltd

  M40T100A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd M40T100A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd M40T100A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd M40T100A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd M40T100A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page3of5
ORDERING INFORMATION SCHEME
Triacseries
Current
Voltage
40=40A
60=600V
80=800V
Packagetype
100=1000V
A=SolderingAssembly
40 T
60
A
Fig.1 Maximum power dissipation versus on state rms
-
(
)
current full cycle
Fig.2 On state rms current versus case
-
temperature
(
)
full cycle
0
10
50
20
30
40
P W
(
)
0
I
A
T RMS
(
) ( )
125
100
75
50
25
Fig.3Relativevariationofthermalimpedance
versuspulseduration.
Fig.4On-statecharacteristics(maximumvalues).
1 -03
E
1 -02
E
1 -01
E
1 +00
E
K Z R
=[
/
]
th
th
1 +0.3
E
1 +02
E
1 +01
E
1 +00
E
1 -01
E
1 -02
E
0
5
10
15
20
25
1 -03
E
0
5
10
15
20
30
25
I
(A)
T(RMS)
30
35
40
180
°
α
α
α=180°
Zth j c
( - )
TO-3P
TO-3P(insulated)
tp s
( )
T max
j
.
V
V
to =0.85
R
m
d =10
T T max
j
j
=
T
C
j=25°
V
V
TM( )
1
10
100
400
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
35
45
40
I
A
TM( )
120=1200V
M40TSeries
M
Moduletype
M = TO-3 Fast-on packege


Numéro de pièce similaire - M40T100A

FabricantNo de pièceFiches techniqueDescription
logo
Nell Semiconductor Co.,...
M40T100A NELLSEMI-M40T100A Datasheet
787Kb / 6P
   TRIACs
M40T100A-B NELLSEMI-M40T100A-B Datasheet
787Kb / 6P
   TRIACs
More results

Description similaire - M40T100A

FabricantNo de pièceFiches techniqueDescription
logo
Nell Semiconductor Co.,...
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com