Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51983 Fiches technique(PDF) 6 Page - Cyrustek corporation

No de pièce ES51983
Description  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Fiches technique(HTML) 6 Page - Cyrustek corporation

Back Button ES51983_11 Datasheet HTML 2Page - Cyrustek corporation ES51983_11 Datasheet HTML 3Page - Cyrustek corporation ES51983_11 Datasheet HTML 4Page - Cyrustek corporation ES51983_11 Datasheet HTML 5Page - Cyrustek corporation ES51983_11 Datasheet HTML 6Page - Cyrustek corporation ES51983_11 Datasheet HTML 7Page - Cyrustek corporation ES51983_11 Datasheet HTML 8Page - Cyrustek corporation ES51983_11 Datasheet HTML 9Page - Cyrustek corporation ES51983_11 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
11/01/05
6
ES51983
3 3/4 AUTO DMM
Note
:
1.Full Scale
Function Description
1.Operating Modes
1.1 Voltage Measurement
A reconfigurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
400.0mV
1
-
VR2
4.000V
1/10
R2 / (R1+R2)
VR3
40.00V
1/100
R3 / (R1+R3)
VR3
400.0V
1/1000
R4 / (R1+R4)
VR5
4000V
1/10000
R5 / (R1+R5)
1. 400.0mV range only exists in manual mode.
2. In the 4000V range, if the digit numbers is larger than 1000V, LCD will display
“OL”.
The measurement of true RMS using ES636
If ES636 (or other true RMS-to-DC converter chip) is used for true RMS measurement,
the suggested application circuit is shown below. When ES636 is used for true RMS,
ADO and ADI pin short together, TEST5 pin keeps floating, and ACVL pin connects to
SGND. And OVSG pin shorts to AGND through a switch.


Numéro de pièce similaire - ES51983_11

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
More results

Description similaire - ES51983_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com