Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51932 Fiches technique(PDF) 11 Page - Cyrustek corporation

No de pièce ES51932
Description  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51932 Fiches technique(HTML) 11 Page - Cyrustek corporation

Back Button ES51932 Datasheet HTML 7Page - Cyrustek corporation ES51932 Datasheet HTML 8Page - Cyrustek corporation ES51932 Datasheet HTML 9Page - Cyrustek corporation ES51932 Datasheet HTML 10Page - Cyrustek corporation ES51932 Datasheet HTML 11Page - Cyrustek corporation ES51932 Datasheet HTML 12Page - Cyrustek corporation ES51932 Datasheet HTML 13Page - Cyrustek corporation ES51932 Datasheet HTML 14Page - Cyrustek corporation ES51932 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Ver. 1.2
10/05/27
11
ES51932
22,000 Counts Auto DMM
1.8 Frequency counter
The time base of the frequency counter is derived from an external crystal oscillator by
4,000,000
Tcounter =
Fosc
where Fosc is the frequency of the crystal oscillator. Thus, the counter has a 1-second
time base when a 4MHz oscillator is used. The frequency counter can select the proper
range automatically or manually. Auto-range operation extends over seven decades,
from 22.00Hz to 220.00MHz. The following table summarizes the full-scale range of
the frequency counter. In frequency mode, press VAHz button switches the mode
to/from duty cycle mode.
Range
Full Scale
2FR1
22.00Hz1
3FR2
220.0Hz1
FR3
22.000KHz
FR4
220.00KHz
FR5
2.2000MHz
FR6
22.000MHz
FR7
220.00MHz
NOTE:
1In the range FR1~FR2, the maximum counting number is 2200 counts.
2In the Range FR1, ES51932 will show 0.00Hz if the input frequency is less than 2.00Hz.
3In the Range FR2 (manual mode), ES51932 will show 0.0Hz if the input frequency is less than 20.0Hz..
1.8.1 Duty Cycle measurement
The duty cycle measurement is available in frequency mode with VAHz operation. Press
VAHZ key when frequency mode is in operation, the ES51932 will switch to duty cycle
measurement mode. Press VAHz key again to switch to frequency measurement mode
also. The duty cycle mode range is within 5.0% to 94.9%. The minimum resolution is
0.1%. If the source frequency duty cycle is smaller than 5.0%, the UL will be shown on
the LCD display. If the duty cycle is larger than 94.9%, the OL will be shown on the
LCD display.


Numéro de pièce similaire - ES51932

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51930 CYRUSTEK-ES51930 Datasheet
310Kb / 5P
   10kHz LCR analog front
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
More results

Description similaire - ES51932

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com