Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51916 Fiches technique(PDF) 10 Page - Cyrustek corporation

No de pièce ES51916
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51916 Fiches technique(HTML) 10 Page - Cyrustek corporation

Back Button ES51916_11 Datasheet HTML 6Page - Cyrustek corporation ES51916_11 Datasheet HTML 7Page - Cyrustek corporation ES51916_11 Datasheet HTML 8Page - Cyrustek corporation ES51916_11 Datasheet HTML 9Page - Cyrustek corporation ES51916_11 Datasheet HTML 10Page - Cyrustek corporation ES51916_11 Datasheet HTML 11Page - Cyrustek corporation ES51916_11 Datasheet HTML 12Page - Cyrustek corporation ES51916_11 Datasheet HTML 13Page - Cyrustek corporation ES51916_11 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
v1.2
11/09/06
10
1.4 Continuity Check
Continuity check shares the same configuration with 110.00Ω manual resistance
measurement mode, but with buzzer output to indicate continuity. The buzzer generates a
2KHz sound whenever the digit number is less than 30Ω. The short circuit detection is
more sensitive and the response time is less than 10ms.
1.5 Diode Measurement
Diode measurement mode shares the same configuration with 1.1000V manual voltage
measurement mode.. The buzzer generates a 2KHz sound whenever the digit number is
less than 30mV. The short circuit detection is more sensitive and the response time is
less than 10ms.
1.6 Frequency counter
The time base of the frequency counter is derived from an external crystal oscillator by
Tcounter =
4,000,000
Fosc
where Fosc is the frequency of the crystal oscillator. Thus, the counter has a 1-second
time base when a 4MHz oscillator is used. The frequency counter can select the proper
range automatically or manually. Auto-range operation extends over six decades, from
1111Hz to 110.00MHz. The following table summarizes the full-scale range of the
frequency counter.
Range
Full Scale
FR112
11.1 – 111.1Hz
FR12
112 – 1111Hz
FR2
11.000KHz
FR3
110.00KHz
FR4
1.1000MHz
FR5
11.000MHz
FR6
110.00MHz
NOTE:
1In the range of FR1, if input frequency is less than 11.1Hz, ES51916 will show 0.0Hz.
2When the reading is more than 111.1Hz, the resolution becomes 1Hz.


Numéro de pièce similaire - ES51916_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
More results

Description similaire - ES51916_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com