Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51916 Fiches technique(PDF) 3 Page - Cyrustek corporation

No de pièce ES51916
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51916 Fiches technique(HTML) 3 Page - Cyrustek corporation

  ES51916_11 Datasheet HTML 1Page - Cyrustek corporation ES51916_11 Datasheet HTML 2Page - Cyrustek corporation ES51916_11 Datasheet HTML 3Page - Cyrustek corporation ES51916_11 Datasheet HTML 4Page - Cyrustek corporation ES51916_11 Datasheet HTML 5Page - Cyrustek corporation ES51916_11 Datasheet HTML 6Page - Cyrustek corporation ES51916_11 Datasheet HTML 7Page - Cyrustek corporation ES51916_11 Datasheet HTML 8Page - Cyrustek corporation ES51916_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
v1.2
11/09/06
3
Pin Description
Pin No
Symbol
Type
Description
1
V+
O
Output of on-chip DC-DC converter.
2
V+
O
Output of on-chip DC-DC converter.
3
CREF+
I/O Positive connection for reference capacitor.
4
CREF-
I/O Negative connection for reference capacitor.
5
CINT
O
Integrator output. Connect to integral capacitor
6
CAZ
I
Auto-zero capacitor connection.
7
BUFF
O
Buffer output pin. Connect to integral resistor
8
RAZ
O
Buffer output pin in high-speed mode. Connect to high-speed integral
resistor.
9
IVSH
I
Current measurement input for 1100μA, 110mA and 11A modes.
10
IVSL
I
Current measurement input for 110μA, 11mA.
11
OVX
I
Input high voltage for resistance measurement
12
OVH
I
Output connection for resistance measurement
13
OVSG
I
Sense low voltage for resistance measurement
14
OR1
O
Reference resistor connection for 110.00Ω range
15
VR5
O
Voltage measurement ÷10000 attenuator(1000.0V)
16
VR4
O
Voltage measurement ÷1000 attenuator(110.00V)
17
VR3
O
Voltage measurement ÷100 attenuator(11.000V)
18
VR2
O
Voltage measurement ÷10 attenuator(1.1000V)
19
TEST 5
I/O Test pin
20
ACVL
O
DC signal low input in ACV/ACA mode. Connect to negative output
of external AC to DC converter.
21
ACVH
O
DC signal high input in ACV/ACA mode. Connect to positive output o
external AC to DC converter.
22
ADI
I
Negative input of internal AC to DC OP Amp.
23
ADO
O
Output of internal AC to DC OP Amp.
24
ADOHZ
I
Frequency input under voltage/current mode, offset to AGND.
25
OPO
O
Output of internal independent OP Amp.
26
OPIN+
I
Positive input terminal of on-chip independent OP Amp.
27
OPIN-
I
Negative input terminal of on-chip independent OP Amp.
28
PWD
I
Power-down enable for on-chip independent OP Amp.
29
VRH
O
Output of band-gap voltage reference. Typically –1.23V
30
VR
I
Reference input voltage connection. Typically –100mV
31
VA+
I
For ADP mode. De-integrating voltage positive input. The input
should be higher than VA-.
32
VA-
I
For ADP mode. De-integrating voltage negative input. The input
should be lower than VA+.
33
ADP
I
Measurement input in ADP mode.
34
SGND
G
Signal Ground.
35
VR1
I
Measurement input.
36
VBAR
I
In temperature mode, it is used to control decimal point.
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign.
37
PMIN
O
Minimum peak hold output
38
PMAX
O
Maximum peak hold output.
39
NC
40
NC
41
NC
42
NC
43
OHMC1
O
Filter capacitor connection for resistance mode.
44
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode.


Numéro de pièce similaire - ES51916_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
More results

Description similaire - ES51916_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com