Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA171(C)-G Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce SA171(C)-G
Description  Axial Lead Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA171(C)-G Fiches technique(HTML) 2 Page - Comchip Technology

  SA171(C)-G Datasheet HTML 1Page - Comchip Technology SA171(C)-G Datasheet HTML 2Page - Comchip Technology SA171(C)-G Datasheet HTML 3Page - Comchip Technology SA171(C)-G Datasheet HTML 4Page - Comchip Technology SA171(C)-G Datasheet HTML 5Page - Comchip Technology SA171(C)-G Datasheet HTML 6Page - Comchip Technology SA171(C)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QW-BTV16
RATING AND CHARACTERISTIC CURVES (SA5V0-G thru SA191-G)
Pulse Width,
(μS)
td
100
10
1
0.1
Fig.4 Peak Pulse Power Rating Curve
0.1
1
10
100
O
Ambient Temperature,
(
TA
C)
0
Fig.1 Pulse Derating Curve
0
20
40
60
140
75
Time, (mS)
0
Fig.5 Pulse Waveform
0
25
75
1
2
3
4
Comchip Technology CO., LTD.
Page 2
REV:A
50
100
200
150
50
100
Axial Lead Transient Voltage Suppressor
10000
1000
25
125
80
100
120
td
Pulse width (td) is defined
as the point where the peak
current decay to 50% of IPP
tr=10μS
Peak value IPP
Half value IPP/2
10/1000μS waveform
as defined by R.E.A.
O
Lead Temperature,
(
TL
C)
0
Fig.3 Steady State Power Derating Curve
0
0.5
1.5
3.5
25
75
100
200
1.0
3.0
50
125
150
2.5
2.0
Number of Cycles at 60Hz
1
Fig.2 Maximun Non-Repetitive Surge
Current
0
80
10
100
20
40
60
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ max.
175
TJ=25 C
O
Fig.6 Typical Junction Capacitance
100
10
1
10
100
1000
1
Reverse Breakdown Voltage,
(V)
VBR
10000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC
1000
175


Numéro de pièce similaire - SA171(C)-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
SA171A-HF COMCHIP-SA171A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
SA171ACA-HF COMCHIP-SA171ACA-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

Description similaire - SA171(C)-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
SA5V0-HF COMCHIP-SA5V0-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com