Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB220-G Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce SB220-G
Description  Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB220-G Fiches technique(HTML) 3 Page - Comchip Technology

  SB220-G Datasheet HTML 1Page - Comchip Technology SB220-G Datasheet HTML 2Page - Comchip Technology SB220-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Leaded Schottky Barrier Rectifiers
Page 3
QW-BB041
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
Marking Code
XXX / XXXX = Product type marking code
SBXXX
Standard Packaging
Marking Code
Part Number
SB220T-G
SB240T-G
SB245T-G
SB250T-G
SB260T-G
SB280T-G
SB2100T-G
Packaging
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
SB240B-G
SB245B-G
SB250B-G
SB260B-G
SB280B-G
SB2100B-G
SB220
SB240
SB245
SB250
SB260
SB280
SB2100
SB240
SB245
SB250
SB260
SB280
SB2100
1) Suffix code after part number to specify packaging item .
Note:
Packaging
REEL PACK
AMMO PACK
Code
T
A
BULK PACK
B
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
SB220A-G
SB240A-G
SB245A-G
SB250A-G
SB260A-G
SB280A-G
SB2100A-G
SB220
SB240
SB245
SB250
SB260
SB280
SB2100
BULK
SB220B-G
SB220
Case Type
DO-41
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DO-41
5,000
BOX
( pcs )
AMMO PACK
Case Type
DO-41
1,000
BOX
( pcs )
BULK PACK


Numéro de pièce similaire - SB220-G

FabricantNo de pièceFiches techniqueDescription
logo
Gunter Seniconductor Gm...
SB220-1.5 GSG-SB220-1.5 Datasheet
187Kb / 1P
   Chips for Schottky Diodes
logo
Nanjing International G...
SB220-2A-DO-15 DGNJDZ-SB220-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Won-Top Electronics
SB220-T3 WTE-SB220-T3 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
SB220-T3 WTE-SB220-T3 Datasheet
60Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
More results

Description similaire - SB220-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com