Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0109MN0 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce Z0109MN0
Description  4Q Triac Rev. 3 ??12 May 2011
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109MN0 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button Z0109MN0 Datasheet HTML 7Page - NXP Semiconductors Z0109MN0 Datasheet HTML 8Page - NXP Semiconductors Z0109MN0 Datasheet HTML 9Page - NXP Semiconductors Z0109MN0 Datasheet HTML 10Page - NXP Semiconductors Z0109MN0 Datasheet HTML 11Page - NXP Semiconductors Z0109MN0 Datasheet HTML 12Page - NXP Semiconductors Z0109MN0 Datasheet HTML 13Page - NXP Semiconductors Z0109MN0 Datasheet HTML 14Page - NXP Semiconductors Z0109MN0 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Z0109MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 May 2011
11 of 17
NXP Semiconductors
Z0109MN0
4Q Triac
8.
Package outline
Fig 15. Package outline SOT223 (SOT223)
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
04-11-10
06-03-16
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface-mounted package with increased heatsink; 4 leads
SOT223


Numéro de pièce similaire - Z0109MN0

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
Z0109MN0 WEEN-Z0109MN0 Datasheet
321Kb / 14P
   4Q Triac
More results

Description similaire - Z0109MN0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com