Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC1044LP3E Fiches technique(PDF) 16 Page - Hittite Microwave Corporation

No de pièce HMC1044LP3E
Description  PROGRAMMABLE HARMONIC LOW PASS FILTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1044LP3E Fiches technique(HTML) 16 Page - Hittite Microwave Corporation

Back Button HMC1044LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 11Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 12Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 13Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 14Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 15Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 16Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC1044LP3E
v00.0312
PROGRAMMABLE HARMONIC LOW PASS FILTER
1 - 3 GHz 3 dB BANDWIDTH
NOTES:


Numéro de pièce similaire - HMC1044LP3E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
   20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
HMC1040CHIPS-SX AD-HMC1040CHIPS-SX Datasheet
349Kb / 14P
   20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
Hittite Microwave Corpo...
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
More results

Description similaire - HMC1044LP3E

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
S3529B ETC2-S3529B Datasheet
570Kb / 9P
   Programmable High Pass Filter
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com