Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC1044LP3E Fiches technique(PDF) 1 Page - Hittite Microwave Corporation

No de pièce HMC1044LP3E
Description  PROGRAMMABLE HARMONIC LOW PASS FILTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1044LP3E Fiches technique(HTML) 1 Page - Hittite Microwave Corporation

  HMC1044LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1044LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
9 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC1044LP3E
v00.0312
PROGRAMMABLE HARMONIC LOW PASS FILTER
1 - 3 GHz 3 dB BANDWIDTH
Functional Diagram
Typical Applications
Features
General Description
The HMC1044LP3E is ideal for wideband transceiver
harmonic filtering applications including:
• Filtering LO Harmonics to Reduce Modulator
Sideband Rejection & Demodulator Image Rejection
• Amplifier Harmonic Filtering
• RF Filtering
Programmable Bandwidth: 1 to 3 GHz
Compatible with Narrowband & Wideband:
• PLLs with Integrated VCOs
• Modulators
• Demodulators
LO Harmonic Rejection: ~20 dB
Improves Modulator/Demodulator Sideband/Image
Rejection Performance: 20 dB Typical
Single-Ended or Differential Options
Footprint up to 90% Smaller than Current Discrete
Fixed Bandwidth Solutions
16 Lead 3x3 mm SMT Package
The HMC1044LP3E is a programmable bandwidth
LPF (Low Pass Filter) targeted at all applications that
use quadrature modulators and/or demodulators. The
HMC1044LP3E filters out LO harmonics and ensures
little or no LO contribution to modulator sideband
rejection or demodulator image rejection performance.
Although targeted at LO filtering applications, the
HMC1044LP3E can be used to filter all RF harmonics
such as the ones generated by amplifiers.
The
HMC1044LP3E
offers
a
choice
of
16
programmable bands, optimized for high and low
cellular bands ranging from 1 to 3 GHz, making the
HMC1044LP3E a truly wideband part compatible with
wideband PLLs with Integrated VCOs and wideband
quadrature modulators and demodulators. It enables
wideband multi-standard, multi-carrier designs that
are field configurable on-the-fly for each individual
application.
The HMC1044LP3E is packaged in a compact
3x3 mm QFN leadless package.


Numéro de pièce similaire - HMC1044LP3E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
   20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
HMC1040CHIPS-SX AD-HMC1040CHIPS-SX Datasheet
349Kb / 14P
   20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
Hittite Microwave Corpo...
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
More results

Description similaire - HMC1044LP3E

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
S3529B ETC2-S3529B Datasheet
570Kb / 9P
   Programmable High Pass Filter
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com