Moteur de recherche de fiches techniques de composants électroniques |
|
HMC1044LP3E Fiches technique(PDF) 6 Page - Hittite Microwave Corporation |
|
HMC1044LP3E Fiches technique(HTML) 6 Page - Hittite Microwave Corporation |
6 / 16 page 6 For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824 978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com Application Support: apps@hittite.com HMC1044LP3E v00.0312 PROGRAMMABLE HARMONIC LOW PASS FILTER 1 - 3 GHz 3 dB BANDWIDTH Outline Drawing NOTES: [1] PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. [2] LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY. [3] LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN. [4] DIMENSIONS ARE IN INCHES [MILLIMETERS]. [5] LEAD SPACING TOLERANCE IS NON-CUMULATIVE. [6] PAD BURR LENGTH SHALL BE 0.15 mm MAX. PAD BURR HEIGHT SHALL BE 0.05 mm MAX. [7] PACKAGE WARP SHALL NOT EXCEED 0.05 mm [8] ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. [9] REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PAT- TERN. Part Number Package Body Material Lead Finish MSL Rating Package Marking [1] HMC1044LP3E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] 1044 XXXX [1] 4-Digit lot number XXXX [2] Max peak reflow temperature of 260 °C Package Information ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS Absolute Maximum Ratings Reliability Information Parameter Rating V3 -0.3 to +3.6 V RF Power Input 18 dBm Digital Input Voltage Range -0.3 to +3.6 V Storage Temperature -65 to +150 °C Reflow Soldering Peak Temperature 260 °C Time at Peak Temperature 40 sec Maximum Junction Temperature 125 °C Operating Temperature -40 to +85 °C ESD Rating (HBM) Class 2 Thermal Resistance 90 °C/W |
Numéro de pièce similaire - HMC1044LP3E |
|
Description similaire - HMC1044LP3E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |