Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR4520BRZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADR4520BRZ
Description  Ultralow Noise, High Accuracy
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR4520BRZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADR4520BRZ Datasheet HTML 2Page - Analog Devices ADR4520BRZ Datasheet HTML 3Page - Analog Devices ADR4520BRZ Datasheet HTML 4Page - Analog Devices ADR4520BRZ Datasheet HTML 5Page - Analog Devices ADR4520BRZ Datasheet HTML 6Page - Analog Devices ADR4520BRZ Datasheet HTML 7Page - Analog Devices ADR4520BRZ Datasheet HTML 8Page - Analog Devices ADR4520BRZ Datasheet HTML 9Page - Analog Devices ADR4520BRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 6 of 32
ADR4533 ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN = 3.4 V to 15 V, IL = 0 mA, TA = 25°C.
Table 6.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
3.300
V
INITIAL OUTPUT VOLTAGE ERROR
VOUT_ERR
B grade
±0.02
%
660
µV
A grade
±0.04
%
1.32
mV
SOLDER HEAT SHIFT
±0.02
%
TEMPERATURE COEFFICIENT
TCVOUT
B grade, −40°C ≤ TA ≤ +125°C
2
ppm/°C
A grade, −40°C ≤ TA ≤ +125°C
4
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
−40°C ≤ TA ≤ +125°C
1
10
ppm/V
LOAD REGULATION
ΔVOUT/ΔIL
IL = 0 mA to +10 mA source, −40°C ≤ TA ≤ +125°C
30
80
ppm/mA
IL = 0 mA to −10 mA sink, −40°C ≤ TA ≤ +125°C
60
120
ppm/mA
QUIESCENT CURRENT
IQ
−40°C ≤ TA ≤ +125°C, no load
700
950
μA
DROPOUT VOLTAGE
VDO
−40°C ≤ TA ≤ +125°C, no load
100
mV
−40°C ≤ TA ≤ +125°C, IL = 2 mA
300
mV
RIPPLE REJECTION RATIO
RRR
fIN =1 kHz
90
dB
OUTPUT CURRENT CAPACITY
IL
Sinking
−10
mA
Sourcing
10
mA
OUTPUT VOLTAGE NOISE
eNp-p
0.1 Hz to 10.0 Hz
2.1
μV p-p
OUTPUT VOLTAGE NOISE DENSITY
eN
1 kHz
64.2
nV/√Hz
OUTPUT VOLTAGE HYSTERESIS
ΔVOUT_HYS
TA = temperature cycled from +25°C to −40°C to
+125°C and back to +25°C
50
ppm
LONG-TERM DRIFT
ΔVOUT_LTD
1000 hours at 60°C
25
ppm
TURN-ON SETTLING TIME
tR
IL = 0 mA, CL = 0.1 µF, CIN = 0.1 µF, RL = 1 kΩ
135
µs
LOAD CAPACITANCE
0.1
100
µF


Numéro de pièce similaire - ADR4520BRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR4520BRZ AD-ADR4520BRZ Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
ADR4520BRZ-R7 AD-ADR4520BRZ-R7 Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
More results

Description similaire - ADR4520BRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
   Ultralow Noise Microphone
REV. A
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com