Moteur de recherche de fiches techniques de composants électroniques |
|
AD5060 Fiches technique(PDF) 10 Page - Analog Devices |
|
AD5060 Fiches technique(HTML) 10 Page - Analog Devices |
10 / 36 page AD5750/AD5750-1/AD5750-2 Data Sheet Rev. D | Page 10 of 36 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Transient currents of up to 100 mA do not cause SCR latch-up. Table 4. Parameter Rating AVDD to GND −0.3 V to +30 V AVSS to GND +0.3 V to −28 V AVDD to AVSS −0.3 V to +58 V DVCC to GND −0.3 V to +7 V VSENSE+ to GND AVSS to AVDD VSENSE− to GND ±5.0 V Digital Inputs to GND −0.3 V to DVCC + 0.3 V or +7 V (whichever is less) Digital Outputs to GND −0.3 V to DVCC + 0.3 V or +7 V (whichever is less) VREF to GND −0.3 V to +7 V VIN to GND −0.3 V to +7 V VOUT, IOUT to GND AVSS to AVDD Operating Temperature Range, Industrial −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 125°C 32-Lead LFCSP Package θJA Thermal Impedance 28°C/W Lead Temperature JEDEC industry standard Soldering J-STD-020 ESD (Human Body Model) 3 kV Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Numéro de pièce similaire - AD5060 |
|
Description similaire - AD5060 |