Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA93 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce PZTA93
Description  PNP Silicon High-Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZTA93 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  PZTA93 Datasheet HTML 1Page - Siemens Semiconductor Group PZTA93 Datasheet HTML 2Page - Siemens Semiconductor Group PZTA93 Datasheet HTML 3Page - Siemens Semiconductor Group PZTA93 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
PZTA 92
PZTA 93
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
hFE
25
40
25
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
PZTA 92
PZTA 93
V(BR)CE0
300
200
nA
nA
µA
µA
Collector-base cutoff current
VCB = 200 V
PZTA 92
VCB = 160 V
PZTA 93
VCB = 200 V, TA = 150 ˚C
PZTA 92
VCB = 160 V, TA = 150 ˚C
PZTA 93
ICB0
250
250
20
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 100
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
PZTA 92
PZTA 93
VCEsat
0.5
0.4
MHz
Transition frequency
IC = 20 mA, VCE = 10 V, f = 100 MHz
fT
100
AC characteristics
pF
Collector-base capacitance
VCB = 20 V, f = 1 MHz
PZTA 92
PZTA 93
Cobo
6
8
Collector-base breakdown voltage
IC = 100
µA, IB = 0
PZTA 92
PZTA 93
V(BR)CB0
300
200
nA
Emitter-base cutoff current
VEB = 3 V, IC = 0
IEB0
100
Base-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
VBEsat
0.9
1)
Pulse test conditions: t
300 µs, D = 2 %.


Numéro de pièce similaire - PZTA93

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PZTA93 UTC-PZTA93 Datasheet
77Kb / 3P
   HIGH VOLTAGE PNP TRANSISTOR
PZTA93G-AA3-R UTC-PZTA93G-AA3-R Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
PZTA93G-AA3-R UTC-PZTA93G-AA3-R Datasheet
164Kb / 4P
   HIGH VOLTAGE TRANSISTOR
PZTA93G-AA3-R UTC-PZTA93G-AA3-R Datasheet
164Kb / 4P
   HIGH VOLTAGE TRANSISTOR
PZTA93L-AA3-R UTC-PZTA93L-AA3-R Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Description similaire - PZTA93

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
logo
Infineon Technologies A...
BFN25 INFINEON-BFN25 Datasheet
48Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
SMMBTA92LT1G ONSEMI-SMMBTA92LT1G Datasheet
108Kb / 4P
   High Voltage Transistors PNP Silicon
January, 2013 ??Rev. 10
BSP16T1 ONSEMI-BSP16T1 Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92_15 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com