Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT3904 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce PZT3904
Description  NPN Silicon Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZT3904 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  PZT3904 Datasheet HTML 1Page - Siemens Semiconductor Group PZT3904 Datasheet HTML 2Page - Siemens Semiconductor Group PZT3904 Datasheet HTML 3Page - Siemens Semiconductor Group PZT3904 Datasheet HTML 4Page - Siemens Semiconductor Group PZT3904 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
PZT 3904
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 10 mA, VCE = 20 V, f = 100 MHz
fT
300
pF
Collector-base capacitance
VCB = 5 V, f = 1 MHz
Cobo
––4
AC characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
––8
dB
Noise figure
IC = 100
µA, VCE = 5 V, RS = 1 k
Ω,
f= 10 Hz to 15.7 kHz
F
––5
k
Input impedance
IC = 1 mA, VCE = 10 V, f = 1 kHz
h11e
1–10
10–4
Open-circuit reverse voltage transfer ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
h12e
0.5
8
Short-circuit forward current transfer ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
h21e
100
400
µS
Open-circuit output admittance
IC = 1 mA, VCE = 10 V, f = 1 kHz
h22e
1–40
ns
ns
ns
ns
VCC = 3 V, IC = 10 mA, IB1 = 1 mA
VBE(off) = 0.5 V
Delay time
Rise time
VCC = 3 V, IC = 10 mA, IB1 = IB2 = 1 mA
Storage time
Fall time
(see diagrams)
td
tr
tstg
tf
35
35
200
50


Numéro de pièce similaire - PZT3904

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Fairchild Semiconductor
PZT3904 FAIRCHILD-PZT3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
More results

Description similaire - PZT3904

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com