Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT2907 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce PZT2907
Description  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZT2907 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  PZT2907 Datasheet HTML 1Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 2Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 3Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 4Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 5Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
PZT 2907
PZT 2907 A
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Saturation voltage IC = f (VBEsat, VCEsat)
hFE =10
Transition frequency fT = f (IC)
VCE = 20 V, f = 100 MHz
DC current gain hFE = f (IC)
VCE =10V


Numéro de pièce similaire - PZT2907

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
PZT2907 DIOTEC-PZT2907 Datasheet
109Kb / 2P
   Suface Mount Si-Epitaxial Planar Switching Transistors
logo
Fairchild Semiconductor
PZT2907A FAIRCHILD-PZT2907A Datasheet
685Kb / 11P
   PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
More results

Description similaire - PZT2907

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com