Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBMH140-G Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CDBMH140-G
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMH140-G Fiches technique(HTML) 2 Page - Comchip Technology

  CDBMH140-G Datasheet HTML 1Page - Comchip Technology CDBMH140-G Datasheet HTML 2Page - Comchip Technology CDBMH140-G Datasheet HTML 3Page - Comchip Technology CDBMH140-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BB038
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBMH120-G Thru. CDBMH1150-G)
Fig.2 - Typical Forward Characteristics
Forward Voltage, (V)
0.1
Fig.5 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0
120
200
Fig.4 - Typical Junction Capacitance
0
Reverse Voltage, (V)
150
350
0.01
1
0.01
10
100
1.5
100
Fig.1- Typical Current Derating Curve
0.1
0.01
1
10
100
0.1
0.3
0.9
1.1
50
200
300
40
80
160
1
O
TJ=75 C
O
TJ=25 C
0.5
0.1
10
100
250
Fig.3 - Maximum Non-repetitive
Forward Surge Current
0
Number of Cycles at 60Hz
3
30
0
1
10
100
12
24
6
18
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
SMD Schottky Barrier Rectifiers
f=1MHz
Applied 4VDC
reverse voltage
TJ=25°C
Pulse Width 300US
1% Duty Cycle
0.7
1.3
Ambient Temperature, (°C)
0
0.6
0.8
0
100
175
0.2
1.2
0.4
25
50
75
150
125
1.0
CD
BM
H1
80
-G
~C
DB
MH
115
0-G
CD
BM
H1
50-
G~
CD
BM
H1
60-
G
CD
BM
H1
20-
G~
CD
BM
H1
40-
G


Numéro de pièce similaire - CDBMH140-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBMH140-HF COMCHIP-CDBMH140-HF Datasheet
103Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Description similaire - CDBMH140-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com