Moteur de recherche de fiches techniques de composants électroniques |
|
KM04H-P05-27K-N42-TR Fiches technique(PDF) 5 Page - Everlight Electronics Co., Ltd |
|
KM04H-P05-27K-N42-TR Fiches technique(HTML) 5 Page - Everlight Electronics Co., Ltd |
5 / 27 page LifecyclePhase: Revision : 3 Expired Period: Forever Release Date:2012-04-02 19:22:39.0 DATASHEET EHP- B05 Series 5 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726 www.everlight.com PN of the B05 series: Typ. CRI 75 White LEDs The table below is a list of part numbers for the EHP-B05 5W series White LED. All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed with min 70 to 80. Typical view angle is 140°. These clearly listed binning options allow for proper design and implementation into lighting applications. For Example: If you order product using EHP-B05MLG/GT04H-P05/57K/R11/TR, you will get White, EHP-B05 series LEDs at 700mA are listed below. EHP-B05MLG represents by ** Color Order Code of EHP-B05 Luminous Flux (lm) [1] CCT(K) Forward Voltage (V) [2] CRI Typ CRI Min [3] **/GT04H-P05/65K/R11/TR 400-450 450-500 **/GT14H-P05/65K/R12/TR 450-500 500-550 65K-1~65K-4 6.0 - 7.0 75 70 **/GT04H-P05/57K/R11/TR 400-450 450-500 **/GT14H-P05/57K/R12/TR 450-500 500-550 57K-1~57K-4 6.0 - 7.0 75 70 **/GT04H-P05/50K/R11/TR 400-450 450-500 **/GT14H-P05/50K/R12/TR 450-500 500-550 50K-1~50K-4 6.0 - 7.0 75 70 **/LM04H-P05/45K/N52/TR 375-400 400-450 45K-1~45K-4 6.0 - 7.0 75 70 **/LM04H-P05/40K/N52/TR 350-400 400-450 40K-1~40K-4 6.0 - 7.0 75 70 Color Variant Radiation Pattern CRI Typ CCT Forward Voltage (V) Minimum Luminous Flux (lm) Cool White Lambertian 75 57K-1 ~ 57K-2 57K-3 ~ 57K-4 6.0~6.5(O4) 6.5~7.0(O5) 400 Cool White 6500 Cool White 5700 Neutral White 4500 Cool White 5000 Neutral White 4000 |
Numéro de pièce similaire - KM04H-P05-27K-N42-TR |
|
Description similaire - KM04H-P05-27K-N42-TR |