Moteur de recherche de fiches techniques de composants électroniques |
|
CD4069 Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
CD4069 Fiches technique(HTML) 3 Page - Unisonic Technologies |
3 / 7 page CD4069 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 7 www.unisonic.com.tw QW-R502-020.C ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Supply Voltage VDD -0.5 ~ +18 V Input Voltage VIN -0.5 ~ VDD +0.5 V Storage Temperature Range TS -65 ~ +150 ℃ Power Dissipation DIP-14 PD 700 mW SOP-14 500 Junction Temperature TJ 125 ℃ Operating Temperature TOPR -20 ~ +85 ℃ Storage Temperature TSTG -40 ~ +150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS (VSS=0V ) PARAMETER SYMBOL RATINGS UNIT DC Supply Voltage VDD 3 ~ 15 V Input Voltage VIN 0 ~ VDD V Operating Temperature TA -40 ~ 85 ℃ DC ELECTRICAL CHARACTERISTICS (VSS=0V, TA=25 , ℃ unless otherwise specified.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Quiescent Device Current IDD VDD=5V, VIN=VDD or VSS 1.0 μA VDD=10V, VIN=VDD or VSS 2.0 VDD=15V, VIN=VDD or VSS 4.0 Low Level Output Voltage VOL |IO|<1μA VDD=5V 0 0.05 V VDD=10V 0 0.05 VDD=15V 0 0.05 High Level Output Voltage VOH |IO|<1μA VDD=5V 4.95 V VDD=10V 9.95 VDD=15V 14.95 Low Level Input Voltage VIL |IO|<1μA VDD=5V, VO=4.5V 1.0 V VDD=10V, VO=9V 2.0 VDD=15V, VO=13.5V 3.0 High Level Input Voltage VIH |IO|<1μA VDD=5V, VO=0.5V 4.0 V VDD=10V, VO=1V 8.0 VDD=15V, VO=1.5V 12.0 Low Level Output Current (Note 2) IOL VDD=5V, Vo=0.4V 0.44 0.88 mA VDD=10V, Vo=0.5V 1.1 2.25 VDD=15V, Vo=1.5V 3.0 8.8 High Level Output Current (Note 2) IOH VDD=5V, Vo=4.6V -0.44 -0.88 mA VDD=10V, Vo=9.5V -1.1 -2.25 VDD=15V, Vo=13.5V -3.0 -8.8 Input Current IIN VDD=15V, VIN=0V -10 -5 -0.30 μA VDD=15V, VIN=15V 10 -5 0.30 |
Numéro de pièce similaire - CD4069_12 |
|
Description similaire - CD4069_12 |