Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7266G-J15-B-T Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce TDA7266G-J15-B-T
Description  77W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266G-J15-B-T Fiches technique(HTML) 4 Page - Unisonic Technologies

  TDA7266G-J15-B-T Datasheet HTML 1Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 2Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 3Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 4Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 5Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 6Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 7Page - Unisonic Technologies TDA7266G-J15-B-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA7266
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-037,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Output Peak Current (internally limited)
IOUT
2
A
HZIP-15A / HZIP-15B
33
Power Dissipation (TC =70°C)
HZIP-15D
PD
20
W
Junction Temperature
TJ
+125
°
C
Operating Junction Temperature
TJ
0 ~ +70
°
C
Storage Temperature
TSTG
-40 ~ +150
°
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
HZIP-15A / HZIP-15B
1.4
Junction to Case
HZIP-15D
θJC
2.5
°
C /W
ELECTRICAL CHARACTERISTICS(VCC=11V, RL =8Ω, f=1kHz, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Range
VCC
3
11
18
V
Output Offset Voltage
VO(OFF)
120
mV
Total Output Noise Voltage
eN
A curve, f=20Hz ~ 20kHz
150
μV
Total Quiescent Current
IQ
48
65
mA
Input Resistance
RIN
25
30
kΩ
Output Power
POUT
THD=10%
6.3
7
W
POUT=1W
0.05
0.2
%
Total Harmonic Distortion
THD
POUT=0.1~2W, f=100Hz~15kHz
1
%
Crosstalk
CT
46
60
dB
Closed Loop Voltage Gain
Gv
25
26
27
dB
Voltage Gain Matching
Gv
0.5
dB
Supply Voltage Rejection
SVR
f=100Hz, VR=0.5V
40
56
dB
Thermal Threshold
Tt
150
°
C
MUTE FUNCTION
for VCC>6.4V, VOUT= -30dB
2.3
2.9
4.1
V
Mute Threshold
VMTHD
for VCC<6.4V, VOUT= -30dB
VCC/2-1.0 VCC/2-0.75 VCC/2-0.5
V
Mute Attenuation
AMUTE
60
80
dB
STAND BY FUNCTION
STAND-BY Threshold
VTST-BY
0.8
1.3
1.8
V
STAND-BY Current V6=GND
IST-BY
100
μA


Numéro de pièce similaire - TDA7266G-J15-B-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7266G-J15-B-T UTC-TDA7266G-J15-B-T Datasheet
257Kb / 8P
   7W DUAL BRIDGE AMPLIFIER
More results

Description similaire - TDA7266G-J15-B-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
   7W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
   7W MONO BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com