Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7265G-J11-A-T Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce TDA7265G-J11-A-T
Description  25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7265G-J11-A-T Fiches technique(HTML) 1 Page - Unisonic Technologies

  TDA7265G-J11-A-T Datasheet HTML 1Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 2Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 3Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 4Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 5Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 6Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 7Page - Unisonic Technologies TDA7265G-J11-A-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7265
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R107-063.a
25W+25W STEREO
AMPLIFIER WITH MUTE &
STAND-BY
DESCRIPTION
The UTC TDA7265 is a stereo 25+25W class AB Dual Audio
Power amplifier with mute and ST-BY control. This IC provides
high output power of 25 watts per channel (at VCC=±20V,
f=1KHz, THD=10%, RL = 8 Ω). It has low IQ at stand-by mode and
no POP at turn ON or OFF.
FEATURES
* High output power: POUT =25 W/channel (Typ.)
VCC= ±20V, RL = 8Ω, f =1KHz, THD = 10%
* Operation supply voltage range (TA = 25°C)
VCC(OPR) = ±5~±25V (RL = 8 Ω)
VCC(OPR) = ±5~±18V (RL = 4 Ω)
* Split supply
* Built in overload protection circuit.
* Built in thermal shut down protector circuit.
* Built in audio muting circuit (POP free)
* Built in standby circuit.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TDA7265L-J11-A-T
TDA7265G-J11-A-T
HZIP-11A
Tube
(1) T: Tube
(2) J11-A: HZIP-11A
(3) G: Halogen Free, L: Lead Free
TDA7265L-J11-A-T
(1) Packing Type
(2) Package Type
(3) Lead Free


Numéro de pièce similaire - TDA7265G-J11-A-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
More results

Description similaire - TDA7265G-J11-A-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
   25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
   2525W STEREO AMPLIFIER WITH MUTE/ST-BY
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
   25W MONO AMPLIFIER WITH MUTE/ST-BY
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com