Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N60L-TF3-T Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce 4N60L-TF3-T
Description  4A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-TF3-T Fiches technique(HTML) 8 Page - Unisonic Technologies

  4N60L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-061,Q
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - 4N60L-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
152Kb / 8P
   4 Amps, 600 Volts N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
More results

Description similaire - 4N60L-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com