Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N50L-TA3-T Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce 1N50L-TA3-T
Description  1.3A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50L-TA3-T Fiches technique(HTML) 3 Page - Unisonic Technologies

  1N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-548.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.65A
4.6
6.0
DYNAMIC PARAMETERS
Input Capacitance
CISS
220 290
pF
Output Capacitance
COSS
30
35
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
11
13
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
11
16
nC
Gate to Source Charge
QGS
1.6
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=400V, ID=1.5A
(Note 1, 2)
5.5
nC
Turn-ON Delay Time
tD(ON)
12
35
ns
Rise Time
tR
13
35
ns
Turn-OFF Delay Time
tD(OFF)
42
90
ns
Fall-Time
tF
VDD=250V, ID=1.5A, RG=25Ω
(Note 1, 2)
15
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
1.3
A
Maximum Body-Diode Pulsed Current
ISM
5
A
Drain-Source Diode Forward Voltage
VSD
IS=1.3A, VGS=0V
1.15
V
Body Diode Reverse Recovery Time
trr
162
ns
Body Diode Reverse Recovery Charge
QRR
IS=1.5A, VGS=0V,
dIF/dt=100A/µs (Note 1)
0.54
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Numéro de pièce similaire - 1N50L-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
525Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Description similaire - 1N50L-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com