Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IL215A Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce IL215A
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL215A Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  IL215A Datasheet HTML 1Page - Siemens Semiconductor Group IL215A Datasheet HTML 2Page - Siemens Semiconductor Group IL215A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL215A/216A/217A
Figure 13. Low to high propagation delay versus
LED current and load resistor
Figure 14. Normalized non-saturated HFE versus
base current and temperature
Figure 15. Typical switching characteristics versus
base resistance (saturated operation)
Figure 16. Typical switching timesversus load
resistance
0
5
10
15
20
0
20
40
60
80
10K
4.7K
2K
7
IF - LED Current - mA
Ta = 25
°C, Vcc = 5 V, Vth = 1.5 V
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
-20
°C
25
°C
50
°C
70
°C
Normalized to:
100
50
10
5
1.0
Input:
IF =10mA
Pulse width=100 mS
Duty cycle=50%
Base-emitter resistance, RBE (Ω)
T OFF
TON
10K
50K 100K
500K 1M
1000
500
100
50
10
5
1
0.1
0.5 1
5
10
50 100
Input:
IF=10 mA
Pulse width=100 mS
Duty cycle=50%
T OFF
TON
Load resistance RL (KΩ)
Figure 9. Normalized non-saturated and saturated
collector-emitter current versus LED current
Figure 10. Normalized collector-base photocurrent
versus LED current
Figure 11. Collector-base photocurrent versus LED
current
Figure 12. High to low propagation delay versus
LED current and load resistor
.1
1
10
100
.01
.1
1
10
100
Vce = 5 V
Vce = .4 V
IF - LED Current - mA
Normalized to:
Ta = 25
°C
Vce = 5 V
IF = 1 mA
.01
.1
1
10
100
1000
.01
.1
1
10
100
Normalized to:
IF - LED Current - mA
Ta = 25
°C
Vce = 5 V
IF = 1 mA
.01
.1
1
10
100
1000
.1
1
10
100
1000
Ta = 25
°C
Vcb = 9.3 V
IF - LED Current - mA
0
5
10
15
20
0
5
10
15
20
10K
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V
2K
4.7K


Numéro de pièce similaire - IL215A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.9, 08-May-08
More results

Description similaire - IL215A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
   DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
   DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com