Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM340T-08 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce LM340T-08
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340T-08 Fiches technique(HTML) 4 Page - Motorola, Inc

  LM340T-08 Datasheet HTML 1Page - Motorola, Inc LM340T-08 Datasheet HTML 2Page - Motorola, Inc LM340T-08 Datasheet HTML 3Page - Motorola, Inc LM340T-08 Datasheet HTML 4Page - Motorola, Inc LM340T-08 Datasheet HTML 5Page - Motorola, Inc LM340T-08 Datasheet HTML 6Page - Motorola, Inc LM340T-08 Datasheet HTML 7Page - Motorola, Inc LM340T-08 Datasheet HTML 8Page - Motorola, Inc LM340T-08 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Vin = 10 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7805AC/LM340AT–5
Characteristic
Symbol
Min
Typ
Max
Unit
Output Noise Voltage (TA = 25°C)
Vn
10
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance (f = 1.0 kHz)
rO
0.9
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–0.3
mV/
°C
NOTES: 1. Tlow = –40°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
Thigh = +125°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS (Vin = 11 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7806C
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
5.75
6.0
6.25
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
8.0 Vdc
≤ Vin ≤ 21 Vdc
5.7
6.0
6.3
9.0 Vdc
≤ Vin ≤ 21 Vdc
Line Regulation, TJ = 25°C (Note 2)
Regline
mV
8.0 Vdc
≤ Vin ≤ 25 Vdc
0.5
24
9.0 Vdc
≤ Vin ≤ 13 Vdc
0.8
12
Load Regulation, TJ = 25°C (Note 2)
Regload
1.3
30
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current (TJ = 25°C)
IB
3.3
8.0
mA
Quiescent Current Change
∆IB
mA
8.0 Vdc
≤ Vin ≤ 25 Vdc
0.3
1.3
5.0 mA
≤ IO ≤ 1.0 A
0.08
0.5
Ripple Rejection
RR
58
65
dB
9.0 Vdc
≤ Vin ≤ 19 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
0.9
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–0.3
mV/
°C
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Numéro de pièce similaire - LM340T-08

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM340T-12 MOTOROLA-LM340T-12 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-12 ONSEMI-LM340T-12 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-12 NSC-LM340T-12 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM340T-12 NSC-LM340T-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340T-12 TI1-LM340T-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
More results

Description similaire - LM340T-08

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com