Moteur de recherche de fiches techniques de composants électroniques |
|
AZT70 Fiches technique(PDF) 6 Page - Arizona Microtek, Inc |
|
AZT70 Fiches technique(HTML) 6 Page - Arizona Microtek, Inc |
6 / 12 page Arizona Microtek, Inc. AZT70 Programmable Capacitive Tuning IC www.azmicrotek.com +1-480-962-5881 6 Request a Sample May 2012, Rev 1.2 Table 4 – Data writing sequence for EEPROM Step Action 1 Determine the desired capacitor control word with the operational power supply voltage and desired oscillator conditions 2 Set the VDD supply voltage to +5.0V 3 If EEPROM is not already erased, erase EEPROM (see ERASING THE EEPROM) 4 Read the current state of the EEPROM bits (see READING BACK FROM THE EEPROM) 5 Compare the desired control word to the stored EEPROM control word. Count the number of differences so as to prevent double/redundant writing 6 One bit at a time, load the first desired control word bit (bit selection for EEPROM is active LOW) 7 Set the PV pin to +6V (≥5.6V, ≤6.1V) with the pulse and idle shown in timing diagram (Figure 8) 8 Progress through all necessary control word bits by repeating steps 5 & 6 until all bits are set to the desired control word. 9 Verify the correct EEPROM contents by reading back the individual bits For an example of writing bits into the EEPROM, suppose the desired capacitance is 3.43pF. The control word becomes ‘00000010100’ (Figure 6). Also suppose the EEPROM bits have been erased and therefore logic high (The AZT70 is initially shipped in this condition). Since bit0 is the first bit to be loaded, the bit sequence becomes 0-0-1-0-1-0-0-0-0-0-0. However, as described before, selecting bits for the EEPROM are active LOW, which will invert the logical values in the sequence to 1-1-0-1-0-1-1-1-1-1-1 (Figure 7). Note the differences between the EEPROM bits and the converted control word. Since there are 2 differences, two write cycles are required as only 1 bit should be written at a time. Figure 8 shows the timing for bit2 while Figure 9 shows the timing for bit4. bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 bit 8 bit 9 bit 10 Figure 6 – Desired control word bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 bit 8 bit 9 bit 10 bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 bit 8 bit 9 bit 10 DA EEPROM difference difference Figure 7 – Converted control word and differences from known EEPROM states |
Numéro de pièce similaire - AZT70 |
|
Description similaire - AZT70 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |