Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZP54 Fiches technique(PDF) 5 Page - Arizona Microtek, Inc

No de pièce AZP54
Description  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP54 Fiches technique(HTML) 5 Page - Arizona Microtek, Inc

  AZP54 Datasheet HTML 1Page - Arizona Microtek, Inc AZP54 Datasheet HTML 2Page - Arizona Microtek, Inc AZP54 Datasheet HTML 3Page - Arizona Microtek, Inc AZP54 Datasheet HTML 4Page - Arizona Microtek, Inc AZP54 Datasheet HTML 5Page - Arizona Microtek, Inc AZP54 Datasheet HTML 6Page - Arizona Microtek, Inc AZP54 Datasheet HTML 7Page - Arizona Microtek, Inc AZP54 Datasheet HTML 8Page - Arizona Microtek, Inc AZP54 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Arizona Microtek, Inc.
AZP54
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
May 2012, Rev 2.1
DUAL SUPPLY LVPECL OUTPUT TERMINATION
The standard LVPECL loads are a pair of 50
Ω resistors connected between the outputs and V
DD-2.0V (Figure 4). The
resistors provide both the DC and the AC loads, assuming 50
Ω interconnect. If an additional supply is available within the
application, a four resistor termination configuration is possible (Figure 5).
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
82
82
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
130
130
VDD (+3.3 V)
Figure 5 - Dual Supply Output Termination
THREE RESISTOR TERMINATION
Another termination variant eliminates the need for the additional supply (Figure 6). Alternately three resistors and
one capacitor accomplish the same termination and reduce power consumption.
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
50
50
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
50
0.01µF
Figure 6 - Three Resistor Termination


Numéro de pièce similaire - AZP54

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP54VG AZM-AZP54VG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
More results

Description similaire - AZP54

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com