Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7433P Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM7433P
Description  P-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7433P Fiches technique(HTML) 2 Page - Analog Power

  AM7433P Datasheet HTML 1Page - Analog Power AM7433P Datasheet HTML 2Page - Analog Power AM7433P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM7433P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7433_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 uA
-30
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±25 V
±100
nA
VDS = -24 V, VGS = 0 V
-1
VDS = -24 V, VGS = 0 V, TJ = 55
oC
-5
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -10 V
-50
A
VGS = -10 V, ID = -2 A
9
VGS = -4.5 V, ID = -2 A
13
Forward Tranconductance
A
gf s
VDS = -15 V, ID = -2 A
29
S
Diode Forward Voltage
VSD
IS = 2 A, VGS = 0 V
-0.8
V
Total Gate Charge
Qg
25
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
17
Turn-On Delay Time
td(on)
15
Rise Time
tr
13
Turn-Off Delay Time
td(of f )
100
Fall-Time
tf
54
Parameter
VDD = -15 V, RL = 6
,
ID = -1 A, VGEN = -10 V
nS
VDS = -15 V, VGS = -5 V,
ID = -2 A
nC
Drain-Source On-Resistance
A
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
m
Unit
Dynamic
b
Limits
rDS(on)
V
Test Conditions
Symbol


Numéro de pièce similaire - AM7433P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM7430N ANALOGPOWER-AM7430N Datasheet
367Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7431P ANALOGPOWER-AM7431P Datasheet
193Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AM7432N ANALOGPOWER-AM7432N Datasheet
182Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM7434N ANALOGPOWER-AM7434N Datasheet
372Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7435P ANALOGPOWER-AM7435P Datasheet
377Kb / 5P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM7433P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com