Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM110N06-08P Datasheet(Fiches technique) 4 Page - Analog Power

Numéro de pièce AM110N06-08P
Description  N-Channel 60-V (D-S) MOSFET
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM110N06-08P Datasheet(HTML) 4 Page - Analog Power

  AM110N06-08P Datenblatt HTML 1Page - Analog Power AM110N06-08P Datenblatt HTML 2Page - Analog Power AM110N06-08P Datenblatt HTML 3Page - Analog Power AM110N06-08P Datasheet HTML 4Page - Analog Power AM110N06-08P Datenblatt HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM110N06-08P
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0
1
2
3
4
5
6
7
8
9
10
0
26.6
53.2
79.8
106.4
133
Qg - Total Gate Charge (nC)
VDS = 30V
ID = 20A
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
50
100
150
200
250
300
350
400
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
P(pk)
t1
t2
RθJA = 62.5 °C /W
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
© Preliminary
4
Publication Order Number:
DS_AM110N06-08P_1A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn