Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10N30-600I Datasheet(Fiches technique) 2 Page - Analog Power

Numéro de pièce AM10N30-600I
Description  N-Channel 300-V (D-S) MOSFET
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10N30-600I Datasheet(HTML) 2 Page - Analog Power

  AM10N30-600I Datenblatt HTML 1Page - Analog Power AM10N30-600I Datasheet HTML 2Page - Analog Power AM10N30-600I Datenblatt HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM10N30-600I
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM10N30-600_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
±100
nA
VDS = 240 V, VGS = 0 V
1
V
DS = 240 V, VGS = 0 V, TJ = 55
oC
25
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
2
A
VGS = 10 V, ID = 1 A
600
VGS = 5.5 V, ID = 1 A
900
Forward Tranconductance
A
gfs
VDS = 40 V, ID = 1 A
4.4
S
Diode Forward Voltage
VSD
IS = 1 A, VGS = 0 V
1.1
V
Total Gate Charge
Qg
19
Gate-Source Charge
Qgs
3
Gate-Drain Charge
Qgd
9.5
Turn-On Delay Time
td(on)
25
Rise Time
tr
60
Turn-Off Delay Time
td(off)
65
Fall-Time
tf
45
VDS = 25 V, VGS = 10 V,
ID = 1 A
nC
Dynamic
b
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Tes t Conditions
Symbol
Parameter
Limits
Unit
VDD = 100 V, RL = 25
, ID = 9 A,
VGEN = 10 V
nS
Drain-Source On-Resistance
A
rDS(on)
m


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn