Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10N20-400D Datasheet(Fiches technique) 3 Page - Analog Power

Numéro de pièce AM10N20-400D
Description  N-Channel 200-V (D-S) MOSFET
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10N20-400D Datasheet(HTML) 3 Page - Analog Power

  AM10N20-400D Datenblatt HTML 1Page - Analog Power AM10N20-400D Datenblatt HTML 2Page - Analog Power AM10N20-400D Datasheet HTML 3Page - Analog Power AM10N20-400D Datenblatt HTML 4Page - Analog Power AM10N20-400D Datenblatt HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM10N20-400D
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
2
4
6
8
10
ID-Drain Current (A)
5.0V
5.5V, 6V, 8V, 10V
4.5V
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
VDS - Drain-to-Source Voltage (V)
10V, 8V, 6V, 5.5V
5.0V
4.5V
4.0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25C
ID = 4A
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25C
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
VSD - Source-to-Drain Voltage (V)
TJ = 25C
0
200
400
600
800
1000
1200
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1Mhz
Preliminary
3
Publication Order Number:
DS-AM10N20-400D-1A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn